Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 104Page - Infineon Technologies AG TLE9461ES Datasheet HTML 105Page - Infineon Technologies AG TLE9461ES Datasheet HTML 106Page - Infineon Technologies AG TLE9461ES Datasheet HTML 107Page - Infineon Technologies AG TLE9461ES Datasheet HTML 108Page - Infineon Technologies AG TLE9461ES Datasheet HTML 109Page - Infineon Technologies AG TLE9461ES Datasheet HTML 110Page - Infineon Technologies AG TLE9461ES Datasheet HTML 111Page - Infineon Technologies AG TLE9461ES Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
108
Rev.1.1
2019-09-27
Notes
1. See also Chapter 12.2.4 for more information on disabling the watchdog in SBC Stop Mode.
2. See Chapter 12.2.5 for more information on the effect of the bit WD_EN_WK_BUS.
3. See Chapter 12.2.3 for calculation of checksum.
WD_CTRL
Watchdog Control (Address 000 0011B)
POR / Soft Reset Value: 0001 0100B;
Restart Value: x0xx 0100B
76
54
32
10
CHECKSUM WD_STM_EN_0
WD_WIN
WD_EN_WK_
BUS
Reserved
WD_TIMER
rw
rwh
rw
rw
r
rwh
Field
Bits
Type
Description
CHECKSUM 7rw
Watchdog Setting Check Sum Bit
The sum of bits 7:0 needs to have even parity (see Chapter 12.2.3)
0B
, Counts as 0 for checksum calculation
1B
, Counts as 1 for checksum calculation
WD_STM_
EN_0
6rwh
Watchdog Deactivation during Stop Mode, bit 0
(Chapter 12.2.4)
0B
, Watchdog is active in Stop Mode
1B
, Watchdog is deactivated in Stop Mode
WD_WIN
5rw
Watchdog Type Selection
0B
, Watchdog works as a Time-Out watchdog
1B
, Watchdog works as a Window watchdog
WD_EN_
WK_BUS
4rw
Watchdog Enable after Bus (CAN) Wake-up in SBC Stop Mode
0B
, Watchdog will not start after a CAN wake-up
1B
, Watchdog starts with a long open window after CAN Wake
Reserved
3r
Reserved, always reads as 0
WD_TIMER 2:0
rwh
Watchdog Timer Period
000B , 10ms
001B , 20ms
010B , 50ms
011B , 100ms
100B , 200ms
101B , 500ms
110B , 1000ms
111B , 10000ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com