Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 100Page - Infineon Technologies AG TLE9461ES Datasheet HTML 101Page - Infineon Technologies AG TLE9461ES Datasheet HTML 102Page - Infineon Technologies AG TLE9461ES Datasheet HTML 103Page - Infineon Technologies AG TLE9461ES Datasheet HTML 104Page - Infineon Technologies AG TLE9461ES Datasheet HTML 105Page - Infineon Technologies AG TLE9461ES Datasheet HTML 106Page - Infineon Technologies AG TLE9461ES Datasheet HTML 107Page - Infineon Technologies AG TLE9461ES Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
104
Rev.1.1
2019-09-27
13.5
SPI Control Registers
READ/WRITE Operation (see also Chapter 13.3):
• The ‘POR / Soft Reset Value’ defines the register content after POR or SBC Reset.
• The ‘Restart Value’ defines the register content after SBC Restart, where ‘x’ means the bit is unchanged.
• One 16-bit SPI command consist of two bytes:
- the 7-bit address and one additional bit for the register access mode and
- following the data byte
The numbering of following bit definitions refers to the data byte and correspond to the bits D0...D7 and to
the SPI bits 8...15.
• There are four different bit types:
– ‘r’ = READ: read only bits (or reserved bits)
– ‘rw’ = READ/WRITE: readable and writable bits
– ‘rwh’ = READ/WRITE/Hardware: readable/writable bits, which can also be modified by the SBC
hardware
– ‘rwl’ = READ/WRITE/LOCKED: readable/writable bits, which are locked and cannot be modified
anymore once the bit CFG_LOCK_0 in the HW_CTRL_1 or CFG_LOCK_1 in the HW_CTRL_2 register are
set. The locking mechanism will remain active for all conditions (incl. Soft Reset) unless the bit
CFG_LOCK_0 (for CP_EN or GPIO only) is cleared again;
for bits relating to CFG_LOCK_1 the locking mechanism will remain active until the device is powered
down (VS < VPOR,f) and can only be changed at the next device power-up.
After a soft reset command: If the respective lock bit is not set then the POR values are resumed; if the
respective lock bit is set then the respective configurations stay unchanged, i.e. the soft reset has no
effect on those configurations.
• Reserved bits are marked as “Reserved” and always read as “0”. The respective bits shall also be
programmed as “0”.
• Reading a register is done byte wise by setting the SPI bit 7 to “0” (= Read Only).
• Writing to a register is done byte wise by setting the SPI bit 7 to “1”.
• SPI control bits are in general not cleared or changed automatically. This must be done by the
microcontroller via SPI programming. Exceptions to this behavior are stated at the respective register
description and the respective bit type is marked with a ‘h’ meaning that the SBC is able to change the
register content.
The registers are addressed wordwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com