Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 103 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 103 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 99Page - Infineon Technologies AG TLE9461ES Datasheet HTML 100Page - Infineon Technologies AG TLE9461ES Datasheet HTML 101Page - Infineon Technologies AG TLE9461ES Datasheet HTML 102Page - Infineon Technologies AG TLE9461ES Datasheet HTML 103Page - Infineon Technologies AG TLE9461ES Datasheet HTML 104Page - Infineon Technologies AG TLE9461ES Datasheet HTML 105Page - Infineon Technologies AG TLE9461ES Datasheet HTML 106Page - Infineon Technologies AG TLE9461ES Datasheet HTML 107Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
103
Rev.1.1
2019-09-27
Figure 42 Detailed TLE9461ES SPI Bit Mapping
15
14
13
12
11
10
9
8
7
6...0
Data Bit 15…8
D7
D6
D5
D4
D3
D2
D1
D0
M_S_CTRL
MODE_1
MODE_0
reserved
VCC2_ON_1
VCC2_ON_0
VCC1_OV_RST
VCC1_RT_1
VCC1_RT_0
read/write
0000001
HW_CTRL_0
reserved
SOFT_RESET_RST
FO_ON
reserved
reserved
CP_EN
reserved
CFG1
read/write
0000010
WD_CTRL
CHECKSUM
WD_STM_EN_0
WD_WIN
WD_EN_WK_BUS
reserved
WD_TIMER_2
WD_TIMER_1
WD_TIMER_0
read/write
0000011
BUS_CTRL_0
reserved
reserved
reserved
reserved
reserved
reserved
CAN_1
CAN_0
read/write
0000100
WK_CTRL_0
reserved
TIMER_WK_EN
reserved
reserved
reserved
WD_STM_EN_1
reserved
reserved
read/write
0000110
WK_CTRL_1
INT_GLOBAL
reserved
WK_MEAS
reserved
reserved
reserved
reserved
WK_EN
read/write
0000111
WK_PUPD_CTRL
GPIO_WK_PUPD_1 GPIO_WK_PUPD_0
reserved
reserved
reserved
reserved
WK_PUPD_1
WK_PUPD_0
read/write
0001000
BUS_CTRL_3
reserved
reserved
reserved
CAN_FLASH
reserved
reserved
reserved
reserved
read/write
0001011
TIMER_CTRL
reserved
TIMER_ON_2
TIMER_ON_1
TIMER_ON_0
TIMER_PER_3
TIMER_PER_2
TIMER_PER_1
TIMER_PER_0
read/write
0001100
HW_CTRL_1
RSTN_HYS
reserved
TSD2_DEL
RSTN_DEL
CFG_LOCK_0
reserved
reserved
reserved
read/write
0001110
HW_CTRL_2
2MHZ_FREQ_2
2MHZ_FREQ_1
2MHz_FREQ_0
I_PEAK_TH
SS_MOD_FR_1
SS_MOD_FR_0
reserved
CFG_LOCK_1
read/write
0001111
GPIO_CTRL
reserved
reserved
reserved
reserved
reserved
GPIO_2
GPIO_1
GPIO_0
read/write
0010111
PWM_CTRL
PWM_DC_7
PWM_DC_6
PWM_DC_5
PWM_DC_4
PWM_DC_3
PWM_DC_2
PWM_DC_1
PWM_DC_0
read/write
0011000
PWM_FREQ_CTRL
reserved
reserved
reserved
reserved
reserved
reserved
PWM_FREQ_1
PWM_FREQ_0
read/write
0011100
HW_CTRL_3
reserved
reserved
reserved
reserved
reserved
TSD_THR
ICC1_LIM_ADJ_1 ICC1_LIM_ADJ_0
read/write
0011101
SYS_STAT_CTRL_0
SYS_STAT_7
SYS_STAT_6
SYS_STAT_5
SYS_STAT_4
SYS_STAT_3
SYS_STAT_2
SYS_STAT_1
SYS_STAT_0
read/write
0011110
SYS_STAT_CTRL_1
SYS_STAT_15
SYS_STAT_14
SYS_STAT_13
SYS_STAT_12
SYS_STAT_11
SYS_STAT_10
SYS_STAT_9
SYS_STAT_8
read/write
0011111
SUP_STAT_1
reserved
VS_UV
VS_OV
reserved
reserved
reserved
VCC1_OV
VCC1_WARN
read/clear
1000000
SUP_STAT_0
POR
reserved
reserved
VCC2_OT
VCC2_UV
VCC1_SC
reserved
VCC1_UV
read/clear
1000001
THERM_STAT
reserved
reserved
reserved
reserved
TSD2_SAFE
TSD2
TSD1
TPW
read/clear
1000010
DEV_STAT
DEV_STAT_1
DEV_STAT_0
reserved
reserved
WD_FAIL_1
WD_FAIL_0
SPI_FAIL
FAILURE
read/clear
1000011
BUS_STAT
reserved
reserved
reserved
r
reserved
CAN_FAIL_1
CAN_FAIL_0
VCAN_UV
read/clear
1000100
WK_STAT_0
reserved
reserved
CAN_WU
TIMER_WU
reserved
reserved
reserved
WK_WU
read/clear
1000110
WK_STAT_1
reserved
reserved
reserved
GPIO_WK_WU
reserved
reserved
reserved
reserved
read/clear
1000111
WK_LVL_STAT
SBC_DEV_LVL
CFG0_STATE
reserved
GPIO_LVL
reserved
reserved
reserved
WK_LVL
read
1001000
GPIO_OC_STAT
reserved
GPIO_HS_LS_OC
reserved
reserved
reserved
reserved
reserved
reserved
read/clear
1010100
GPIO_OL_STAT
reserved
GPIO_HS_OL
reserved
reserved
reserved
reserved
reserved
reserved
read/clear
1010101
FAM_PROD_STAT
FAM_3
FAM_2
FAM_1
FAM_0
PROD_3
PROD_2
PROD_1
PROD_0
read
1111110
Locked Bits (CFG_LOCK_0)
Locked Bits (CFG_LOCK_1)
S T A T U S R E G I S T E R S
F A M I LY A N D P R O D U C T
R E G I S T E R S
Register Short Name
Access
Mode
Address
A6…A0
C O N T R O L R E G I S T E R S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com