Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 98Page - Infineon Technologies AG TLE9461ES Datasheet HTML 99Page - Infineon Technologies AG TLE9461ES Datasheet HTML 100Page - Infineon Technologies AG TLE9461ES Datasheet HTML 101Page - Infineon Technologies AG TLE9461ES Datasheet HTML 102Page - Infineon Technologies AG TLE9461ES Datasheet HTML 103Page - Infineon Technologies AG TLE9461ES Datasheet HTML 104Page - Infineon Technologies AG TLE9461ES Datasheet HTML 105Page - Infineon Technologies AG TLE9461ES Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
102
Rev.1.1
2019-09-27
• The configuration bits for VCC2 in stand-alone configuration are cleared in SBC Restart Mode. FO will stay
activated if it was triggered before. Depending on the respective configuration, CAN transceivers is either
Off, woken or still Wake Capable.
Note:
The detailed behavior of the respective SPI bits and control functions is described in Chapter 13.5,
Chapter 13.6.and in the respective module chapter. The bit type be marked as ‘rwh’ in case the SBC
will modify respective control bits.
Figure 41
SPI Register Mapping Structure
The detailed register mappings for control registers and status registers are shown in Table 27 and Table 28
respectively.
The detailed SPI bit mapping overview is shown in Figure 42.
15 14 13 12 11 10
8
9
7
6
5
4
3
2
0
1
7 Address Bits [bits 0...6]
for Register Selection
8 Data Bits [bits 8...15]
for Configuration & Status Information
LSB
MSB
Reg.
Type
Addresses:
0 0 0 0 0 0 1
.
.
.
0 0 1 1 1 1 1
Addresses:
1 0 0 0 0 0 0
.
.
.
1 1 1 1 1 1 0
The most important status registers are represented in the
Status Information Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com