Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 101Page - Infineon Technologies AG TLE9461ES Datasheet HTML 102Page - Infineon Technologies AG TLE9461ES Datasheet HTML 103Page - Infineon Technologies AG TLE9461ES Datasheet HTML 104Page - Infineon Technologies AG TLE9461ES Datasheet HTML 105Page - Infineon Technologies AG TLE9461ES Datasheet HTML 106Page - Infineon Technologies AG TLE9461ES Datasheet HTML 107Page - Infineon Technologies AG TLE9461ES Datasheet HTML 108Page - Infineon Technologies AG TLE9461ES Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
105
Rev.1.1
2019-09-27
Table 27
Register Overview: SPI Control Register
Register Short Name
Register Long Name
Offset Address
Reset Value
General Control Registers
M_S_CTRL
Mode- and Supply Control
000 0001B
Page 106
HW_CTRL_0
Hardware Control 0
000 0010B
Page 107
WD_CTRL
Watchdog Control
000 0011B
Page 108
BUS_CTRL_0
Bus Control 0
000 0100B
Page 109
WK_CTRL_0
Internal Wake Input Control
000 0110B
Page 109
WK_CTRL_1
External Wake Source Control
000 0111B
Page 110
WK_PUPD_CTRL
Wake Input Level Control
000 1000B
Page 111
BUS_CTRL_3
Bus Control 3
000 1011B
Page 111
TIMER_CTRL
Timer Control and Selection
000 1100B
Page 112
HW_CTRL_1
Hardware Control 1
000 1110B
Page 113
HW_CTRL_2
Hardware Control 2
000 1111B
Page 114
GPIO_CTRL
GPIO Configuration Control
001 0111B
Page 115
PWM_CTRL
PWM Configuration Control
001 1000B
Page 115
PWM_FREQ_CTRL
PWM Frequency Configuration Control
001 1100B
Page 116
HW_CTRL_3
Hardware Control 3
001 1101B
Page 116
SYS_STATUS_CTRL_0
System Status Control Low Byte
001 1110B
Page 117
SYS_STATUS_CTRL_1
System Status Control High Byte
001 1111B
Page 117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com