Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 110 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 110 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 106Page - Infineon Technologies AG TLE9461ES Datasheet HTML 107Page - Infineon Technologies AG TLE9461ES Datasheet HTML 108Page - Infineon Technologies AG TLE9461ES Datasheet HTML 109Page - Infineon Technologies AG TLE9461ES Datasheet HTML 110Page - Infineon Technologies AG TLE9461ES Datasheet HTML 111Page - Infineon Technologies AG TLE9461ES Datasheet HTML 112Page - Infineon Technologies AG TLE9461ES Datasheet HTML 113Page - Infineon Technologies AG TLE9461ES Datasheet HTML 114Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
110
Rev.1.1
2019-09-27
Notes
1. WK_MEAS is by default configured for standard WK functionality (Static Sense on WK). If WK_MEAS is set and
FO is not activated then the bits WK_EN and GPIO_CTRL are ignored. If FO is activated then WK_MEAS cannot
be set to ‘1’ and SPI_Fail is set. If the bit is set to ‘1’ then the measurement function is enabled during Normal
Mode & the bits WK_EN are ignored. The bits WK_LVL and GPIO_LVL bits are not updated and are reset.
2. The wake source CAN is selected in the register BUS_CTRL_0 by setting the respective bits to ‘Wake Capable’
3. Failure Handling Mechanism: When the device enters SBC Fail-Safe Mode due to a failure (TSD2, WD-
Failure,...) and WK_MEAS = ‘0’, the WK_CTRL_1 is modified by the SBC to ‘x0x0 0001’ in order to ensure that
the device can be woken again. In case WK_MEAS is ‘1’ then WK will not be available as an automatic wake
source in SBC Fail-Safe Mode.
WK_CTRL_1
External Wake Source Control (Address 000 0111B)
POR / Soft Reset Value: 0000 0001B;
Restart Value: x0x0 000xB
76
54
32
10
INT_GLOBAL
Reserved
WK_MEAS
Reserved
WK_EN
rw
r
rw
r
rw
Field
Bits
Type
Description
INT_
GLOBAL
7rw
Global Interrupt Configuration (see also Chapter 10.1)
0B
, Only wake sources trigger INTN (default)
1B
, All status information register bits will trigger INTN
(including all wake sources)
Reserved
6r
Reserved, always reads as 0
WK_MEAS
5rw
Wake / Voltage Sensing Selection (see also Chapter 9.2.4)
0B
, Wake-up functionality enabled for WK
1B
, Voltage sensing functionality enabled, no wake-up events
are generated
Reserved
4:1
r
Reserved, always reads as 0
WK_EN
0rw
WK Wake Source Control
0B
, WK wake-up disabled
1B
, WK is enabled as a wake source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com