Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 117 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 117 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 113Page - Infineon Technologies AG TLE9461ES Datasheet HTML 114Page - Infineon Technologies AG TLE9461ES Datasheet HTML 115Page - Infineon Technologies AG TLE9461ES Datasheet HTML 116Page - Infineon Technologies AG TLE9461ES Datasheet HTML 117Page - Infineon Technologies AG TLE9461ES Datasheet HTML 118Page - Infineon Technologies AG TLE9461ES Datasheet HTML 119Page - Infineon Technologies AG TLE9461ES Datasheet HTML 120Page - Infineon Technologies AG TLE9461ES Datasheet HTML 121Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
117
Rev.1.1
2019-09-27
Notes
1. The SYS_STATUS_CTRL_0 register is an exception for the default values, i.e. it will keep its configured value
also after a Soft Reset.
2. This byte is intended for storing system configurations of the ECU by the microcontroller and is only writable
in SBC Normal Mode and readable in SBC Stop Mode. The byte is not accessible by the SBC and contents are
kept also after SBC Fail-Safe, Restart Mode or after Soft Reset. It allows the microcontroller to store system
configuration without loosing the data as long as the SBC supply voltage is above VPOR,f.
Notes
1. The SYS_STATUS_CTRL_1 register has the same functionality and behavior as SYS_STATUS_CTRL_0.
SYS_STATUS_CTRL_0
System Status Control Low Byte (Address 001 1110B)
POR Value: 0000 0000B;
Restart Value/Soft Reset Value: xxxx xxxxB
76
54
32
10
SYS_STAT_L
rw
Field
Bits
Type
Description
SYS_STAT_L 7:0
rw
System Status Control Low Byte (bit0=LSB; bit7=MSB)
Dedicated byte for system configuration, access only by
microcontroller. Cleared after power up and Soft Reset
SYS_STATUS_CTRL_1
System Status Control High Byte (Address 001 1111B)
POR Value: 0000 0000B;
Restart Value/Soft Reset Value: xxxx xxxxB
76
54
32
10
SYS_STAT_H
rw
Field
Bits
Type
Description
SYS_STAT_H 7:0
rw
System Status Control High Byte (bit8=LSB; bit15=MSB)
Dedicated byte for system configuration, access only by
microcontroller. Cleared after power up and Soft Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com