Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 118 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 118 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 114Page - Infineon Technologies AG TLE9461ES Datasheet HTML 115Page - Infineon Technologies AG TLE9461ES Datasheet HTML 116Page - Infineon Technologies AG TLE9461ES Datasheet HTML 117Page - Infineon Technologies AG TLE9461ES Datasheet HTML 118Page - Infineon Technologies AG TLE9461ES Datasheet HTML 119Page - Infineon Technologies AG TLE9461ES Datasheet HTML 120Page - Infineon Technologies AG TLE9461ES Datasheet HTML 121Page - Infineon Technologies AG TLE9461ES Datasheet HTML 122Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
118
Rev.1.1
2019-09-27
13.6
SPI Status Information Registers
READ/CLEAR Operation (see also Chapter 13.3):
• One 16-bit SPI command consist of two bytes:
- the 7-bit address and one additional bit for the register access mode and
- following the data byte
The numbering of following bit definitions refers to the data byte and correspond to the bits D0...D7 and to
the SPI bits 8...15 (see also figure).
• There are two different bit types:
- ‘r’ = READ: read only bits (or reserved bits)
- ‘rc’ = READ/CLEAR: readable and clearable bits
• Reading a register is done byte wise by setting the SPI bit 7 to “0” (= Read Only)
• Clearing a register is done byte wise by setting the SPI bit 7 to “1”
• SPI status registers are in general not cleared or changed automatically (an exception are the WD_FAIL
bits). This must be done by the microcontroller via SPI command
The registers are addressed wordwise.
Table 28
Register Overview: SPI Status Information Registers
Register Short Name
Register Long Name
Offset Address
Reset Value
General Status Registers
SUP_STAT_1
Supply Voltage Fail Status
100 0000B
Page 119
SUP_STAT_0
Supply Voltage Fail Status
100 0001B
Page 120
THERM_STAT
Thermal Protection Status
100 0010B
Page 121
DEV_STAT
Device Information Status
100 0011B
Page 121
BUS_STAT
Bus Communication Status
100 0100B
Page 122
WK_STAT_0
Wake-up Source and Information Status 0
100 0110B
Page 123
WK_STAT_1
Wake-up Source and Information Status 1
100 0111B
Page 123
WK_LVL_STAT
WK Input Level
100 1000B
Page 124
GPIO_OC_STAT
GPIO Overcurrent Status
101 0100B
Page 125
GPIO_OL_STAT
GPIO Open-Load Status
101 0101B
Page 125
Family and Product Information Register
FAM_PROD_STAT
Family and Product Identification Register
111 1110B
Page 126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com