Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 117Page - Infineon Technologies AG TLE9461ES Datasheet HTML 118Page - Infineon Technologies AG TLE9461ES Datasheet HTML 119Page - Infineon Technologies AG TLE9461ES Datasheet HTML 120Page - Infineon Technologies AG TLE9461ES Datasheet HTML 121Page - Infineon Technologies AG TLE9461ES Datasheet HTML 122Page - Infineon Technologies AG TLE9461ES Datasheet HTML 123Page - Infineon Technologies AG TLE9461ES Datasheet HTML 124Page - Infineon Technologies AG TLE9461ES Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
121
Rev.1.1
2019-09-27
Note:
Temperature warning and shutdown bits are not reset automatically, even if the temperature pre
warning or the TSD condition is not present anymore.
THERM_STAT
Thermal Protection Status (Address 100 0010B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: 0000 xxxxB
76
54
32
10
Reserved
TSD2_SAFE
TSD2
TSD1
TPW
rrc
rc
rc
rc
Field
Bits
Type
Description
Reserved
7:4
r
Reserved, always reads as 0
TSD2_SAFE 3rc
TSD2 Thermal Shut-Down Safe State Detection
0B
, No TSD2 safe state detected
1B
, TSD2 safe state detected: >16 consecutive TSD2 events
occurred, next TSD2 waiting time is 60s
TSD2
2rc
TSD2 Thermal Shut-Down Detection
0B
, No TSD2 event
1B
, TSD2 OT detected - leading to SBC Fail-Safe Mode
TSD1
1rc
TSD1 Thermal Shut-Down Detection
0B
, No TSD1 fail
1B
, TSD1 OT detected (affected module is disabled)
TPW
0rc
Thermal Pre Warning
0B
, No Thermal Pre warning
1B
, Thermal Pre warning detected
DEV_STAT
Device Information Status (Address 100 0011B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: xx00 xxxxB
76
54
32
10
DEV_STAT
Reserved
WD_FAIL
SPI_FAIL
FAILURE
rc
r
rh
rc
rc
Field
Bits
Type
Description
DEV_STAT
7:6
rc
Device Status before Restart Mode
00B , Cleared (Register must be actively cleared)
01B ,Restart due to failure (WD fail,TSD2, VCC1_UV, trial to access
SLEEP MODE without any wake source activated); also after a
wake-up from Fail-Safe Mode
10B , Sleep Mode
11B , Reserved
Reserved
5:4
r
Reserved, always reads as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com