Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 125 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 125 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 121Page - Infineon Technologies AG TLE9461ES Datasheet HTML 122Page - Infineon Technologies AG TLE9461ES Datasheet HTML 123Page - Infineon Technologies AG TLE9461ES Datasheet HTML 124Page - Infineon Technologies AG TLE9461ES Datasheet HTML 125Page - Infineon Technologies AG TLE9461ES Datasheet HTML 126Page - Infineon Technologies AG TLE9461ES Datasheet HTML 127Page - Infineon Technologies AG TLE9461ES Datasheet HTML 128Page - Infineon Technologies AG TLE9461ES Datasheet HTML 129Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
125
Rev.1.1
2019-09-27
Note:
The same status bit is used for the low-side and high-side configuration. The bit always applies for
the actual configuration. In case the switch is disabled or another configuration is used then a
flagged bit will stay set until it is cleared by the microcontroller;
GPIO_OC_STAT
GPIO Overcurrent Status (Address 101 0100B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: 0x00 0000B
76
54
32
10
Reserved
GPIO_OC
Reserved
rrc
r
Field
Bits
Type
Description
Reserved
7r
Reserved, always reads as 0
GPIO_OC
6rc
Overcurrent Detection on GPIO (if configured as LS or HS)
0B
, No OC
1B
, OC detected
Reserved
5:0
r
Reserved, always reads as 0
GPIO_OL_STAT
GPIO Open-Load Status (Address 101 0101B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: 0x00 0000B
76
54
32
10
Reserved
GPIO_OL
Reserved
rrc
r
Field
Bits
Type
Description
Reserved
7r
Reserved, always reads as 0
GPIO_OL
6rc
Open-Load Detection on GPIO (if configured as HS)
0B
, No OL
1B
, OL detected
Reserved
5:0
r
Reserved, always reads as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com