Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 126 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 126 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 122Page - Infineon Technologies AG TLE9461ES Datasheet HTML 123Page - Infineon Technologies AG TLE9461ES Datasheet HTML 124Page - Infineon Technologies AG TLE9461ES Datasheet HTML 125Page - Infineon Technologies AG TLE9461ES Datasheet HTML 126Page - Infineon Technologies AG TLE9461ES Datasheet HTML 127Page - Infineon Technologies AG TLE9461ES Datasheet HTML 128Page - Infineon Technologies AG TLE9461ES Datasheet HTML 129Page - Infineon Technologies AG TLE9461ES Datasheet HTML 130Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
126
Rev.1.1
2019-09-27
13.6.2
Family and Product Information Register
Notes
1. The actual default register value after POR, Soft Reset or Restart of PROD depends on the respective device.
Therefore the value ‘y’ is specified.
2. SWK = Selective Wake feature in CAN Partial Networking standard
FAM_PROD_STAT
Family and Product Identification Register (Address 111 1110B)
POR / Soft Reset Value: 0101 yyyy B; Restart Value: 0101 yyyyB
76
54
32
10
FAM
PROD
rr
Field
Bits
Type
Description
FAM
7:4
r
SBC Family Identifier (bit4=LSB; bit7=MSB)
0 0 01B, Driver SBC Family
0 0 10B, DC/DC-SBC Family
0 0 11B, Mid-Range SBC Family
0 100B, Multi-CAN SBC Family
0 101B, LITE SBC Family
0 111B, Mid-Range+ SBC Family
x x x xB, reserved for future products
PROD
3:0
r
SBC Product Identifier (bit0=LSB; bit3=MSB)
0 1 10B, TLE9461ES (VCC1 = 5V, no SWK) / TLE9461-3ES (VCC1 = 5V,
SWK)
0 1 1 1B, TLE9461ESV33 (VCC1 = 3.3V, no SWK) / TLE9461-3ESV33
(VCC1 = 3.3V, SWK)
1 1 1 0B, TLE9471ES (VCC1 = 5V, no SWK) /
TLE9471-3ES(VCC1 = 5V, SWK)
1 1 1 1B, TLE9471ESV33 (VCC1 = 3.3V, no SWK) /
TLE9471-3ESV33 (VCC1 = 3.3V, SWK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com