Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments LP5907 Datasheet HTML 19Page - Texas Instruments LP5907 Datasheet HTML 20Page - Texas Instruments LP5907 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
20
s/DIV
VOUT
1V/DIV
EN
1V/DIV
SVA-30180515
100
s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180514
17
LP5907
www.ti.com
SNVS798O – APRIL 2012 – REVISED JUNE 2020
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
As a good design practice, keep the wiring parasitic inductance at a minimum, which means to use as wide as
possible traces from the LDO output to the capacitors, keeping the LDO output trace layer as close to ground
layer as possible and avoiding vias on the path. If there is a need to use vias, implement as many as possible
vias between the connection layers. The recommendation is to keep parasitic wiring inductance less than 35 nH.
For the applications with fast load transients, it is recommended to use an input capacitor equal to or larger to
the sum of the capacitance at the output node for the best load transient performance.
8.2.2.8 No-Load Stability
The LP5907 remains stable, and in regulation, with no external load.
8.2.2.9 Enable Control
The LP5907 may be switched ON or OFF by a logic input at the EN pin. A voltage on this pin greater than VIH
turns the device on, while a voltage less than VIL turns the device off.
When the EN pin is low, the regulator output is off and the device typically consumes less than 1 µA.
Additionally, an output pulldown circuit is activated which ensures that any charge stored on COUT is discharged
to ground.
If the application does not require the use of the shutdown feature, the EN pin can be tied directly to the IN pin to
keep the regulator output permanently on.
An internal 1-MΩ pulldown resistor ties the EN input to ground, ensuring that the device remains off if the EN pin
is left open circuit. To ensure proper operation, the signal source used to drive the EN pin must be able to swing
above and below the specified turnon or turnoff voltage thresholds listed in the Electrical Characteristics under
VIL and VIH.
8.2.3 Application Curves
Figure 22. Start-Up
Figure 23. Load Transient Response
9 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 2.2 V to 5.5 V. The input supply must
be well regulated and free of spurious noise. To ensure that the LP5907 output voltage is well regulated and
dynamic performance is optimum, the input supply must be at least VOUT + 1 V. A minimum capacitor value of 1
µF is required to be within 1 cm of the IN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com