Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
LP5907
www.ti.com
SNVS798O – APRIL 2012 – REVISED JUNE 2020
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = VOUT(NOM) + 1 V, VEN = 1.2 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF (unless otherwise noted)
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(9)
This specification is verified by design.
(10) There is a 1-MΩ resistor between EN and ground on the device.
PSRR
Power-supply rejection ratio(9)
f = 100 Hz, IOUT = 20 mA
90
dB
f = 1 kHz, IOUT = 20 mA
82
f = 10 kHz, IOUT = 20 mA
65
f = 100 kHz, IOUT = 20 mA
60
eN
Output noise voltage(9)
BW = 10 Hz to 100 kHz
IOUT = 1 mA
10
µVRMS
IOUT = 250 mA
6.5
RAD
Output automatic discharge
pulldown resistance
VEN < VIL (output disabled)
230
Ω
TSD
Thermal shutdown
TJ rising
160
°C
Thermal hysteresis
TJ falling from shutdown
15
LOGIC INPUT THRESHOLDS
VIL
Low input threshold
VIN = 2.2 V to 5.5 V,
VEN falling until the output is disabled
0.4
V
VIH
High input threshold
VIN = 2.2 V to 5.5 V
VEN rising until the output is enabled
1.2
V
IEN
Input current at EN pin(10)
VEN = 5.5 V and VIN = 5.5 V
5.5
µA
VEN = 0 V and VIN = 5.5 V
0.001
TRANSIENT CHARACTERISTICS
ΔVOUT
Line transient(9)
VIN = (VOUT(NOM) + 1 V) to
(VOUT(NOM) + 1.6 V) in 30 µs
–1
mV
VIN = (VOUT(NOM) + 1.6 V) to
(VOUT(NOM) + 1.6 V) in 30 µs
1
Load transient(9)
IOUT = 1 mA to 250 mA in 10 µs
–40
IOUT = 250 mA to 1 mA in 10 µs
40
Overshoot on start-up(9)
Stated as a percentage of VOUT(NOM)
5%
Overshoot on start-up with EN(9)
Stated as a percentage of VOUT(NOM), VIN =
VOUT + 1 V to 5.5 V, 0.7 µF < COUT < 10 µF,
0 mA < IOUT < 250 mA, EN rising until the
output is enabled
1%
tON
Turnon time
From VEN > VIH to VOUT = 95% of VOUT(NOM),
TA = 25°C
80
150
µs
(1)
The minimum capacitance should be greater than 0.5 µF over the full range of operating conditions. The capacitor tolerance should be
30% or better over the full temperature range. The full range of operating conditions for the capacitor in the application must be
considered during device selection to ensure this minimum capacitance specification is met. X7R capacitors are recommended however
capacitor types X5R, Y5V and Z5U may be used with consideration of the application and conditions.
(2)
This specification is verified by design.
6.6 Output and Input Capacitors
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX
UNIT
CIN
Input capacitance(2)
Capacitance for stability
0.7
1
µF
COUT
Output capacitance(2)
0.7
1
10
µF
ESR
Output/Input capacitance(2)
5
500
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com