Electronic Components Datasheet Search
  English  ▼

X  

HM1802 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1802
Description  Synchronous switching type 2A lithium battery charging
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1802 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1802 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
REV_2.0
特性
对本机电池充电:
■ 单节4.2V 锂电池充电,典型2A
■ 宽工作电压,最大达到7V,欠压保
护,内置电源功率自适应
■ 防电源反接功能
■ 内置功率PMOS2和多用途保护和旁
路
PMOS1,全同步开关型工作模式,
外部一个
NMOS,器件发热少,外围
简单
■ 涓流、恒流、恒压三段充电,保护
电池
■ 可编程充电电流ISET,0.1A—2A
■ 预充电涓流:
20%ISET0
恒压停机电流:
20%ISET0
■ 4路LED充电状态指示,最高位闪烁
■ 芯片过温度保护
■ 电池短路保护、过压(4.3V)保护
■ 内置多种电池保护,无须外部保护
芯片
■ 开关频率700KHz,典型电感2.2uH
■ 4.2V±1%的充电电压控制精度
■ 采用QFN24 4mm*4mm 超小型封
装
■ 5V充 3.8V2A效率92%
升压电路:
■ 按键启动和充电时掉电自动启动5V
输出
■ 按键长按2.5S,升压关断,进入待机
模式
■ 可调最大输出恒流,最大输出5V2A
■ 4路LED电量状态指示,3秒自动灭
灯,电池小于
3V报警6次待机,小于
2.4V全停机,不动作,电池电流0
■ 芯片过温度保护,自动降低输出电
流,欠压、过流、短路自动待机保
护
■ 开关频率降频为300KHz。
■ 轻载(输出<30mA)10秒后自动待机
■ 待机电池电流低至 6uA
■ 5V2A 典型输出效率>94%
绝对最大额定值
■ VIN:-10V~7.5V,其他端口0~10V
■ VBAT:-0.7V~5V
■ 最大结温:145℃
■ 工作环境温度范围:-40℃~85℃
■ 贮存温度范围:-65℃~125℃
■ 引脚温度(焊接时间 10 秒):260℃
应用范围
■ 移动电源
■ 便携式设备独立电池充电/升压
■ 电子烟
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com