Electronic Components Datasheet Search
  English  ▼

X  

TSB772 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSB772
Description  Low Vce(sat) PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSB772 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSB772 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSB772 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSB772 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TSB772
3-3
2003/12 rev. B
TO-126 Mechanical Drawing
1mm
E
G
F
D
B
C
H
A
J
K
I
TO-126 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
8.00 (typ)
0.315(typ)
B
4.20 (typ)
0.165 (typ)
C
10.58
11.00
0.417
0.433
D
2.00 (typ)
0.079 (typ)
E
12.00(typ)
0.472(typ)
F
2.50(typ)
0.098 (typ)
G
0.74
0.78
0.029
0.031
H
0.8 (typ)
0.031(typ)
I
2.56
3.00
0.101
0.118
J
0.38
0.50
0.015
0.020
K
1.1 (typ)
0.043 (typ)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com