Electronic Components Datasheet Search
  English  ▼

X  

TSB772 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSB772
Description  Low Vce(sat) PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSB772 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSB772 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSB772 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSB772 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSB772
1-1
2003/12 rev. B
TSB772
Low Vce(sat) PNP Transistor
BVCEO = - 50V
Ic = - 3A
VCE (SAT), = - 0.5V(typ.) @Ic / Ib = - 2A / - 0.1A
Features
Low VCE (SAT).
Excellent DC current gain characteristics
Structure
Epitaxial planar type.
PNP silicon transistor
Ordering Information
Part No.
Packing
Package
TSB772CK
Bulk Pack
TO-126
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
- 50V
V
Collector-Emitter Voltage
VCEO
- 50V
V
Emitter-Base Voltage
VEBO
- 6
V
DC
- 3
Collector Current
Pulse
IC
- 7 (note 1)
A
Collector Power Dissipation
TO-126
PD
1.0
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 2mS
Electrical Characteristics
Ta = 25
oC unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = - 50uA, IE = 0
BVCBO
- 50
--
--
V
Collector-Emitter Breakdown Voltage
IC = - 1mA, IB = 0
BVCEO
- 50
--
--
V
Emitter-Base Breakdown Voltage
IE = - 50uA, IC = 0
BVEBO
- 6
--
--
V
Collector Cutoff Current
VCB = - 40V, IE = 0
ICBO
--
--
- 1
uA
Emitter Cutoff Current
VEB = - 4V, IC = 0
IEBO
--
--
- 1
uA
Collector-Emitter Saturation Voltage
IC / IB = - 2.0A / - 0.2A
VCE(SAT)
--
- 0.3
- 0.5
V
DC Current Transfer Ratio
VCE = - 2V, IC = - 1A
hFE
160
--
350
Transition Frequency
VCE = - 5V, IC = - 100mA,
f = 100MHz
fT
--
80
--
MHz
Output Capacitance
VCB = - 10V, f=1MHz
Cob
55
--
pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
TO-126
Pin assignment:
TO-126
1. Emitter
2. Collector
3. Base


Similar Part No. - TSB772

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB772 TSC-TSB772 Datasheet
225Kb / 4P
Low Vcesat PNP Transistor
TSB772 TSC-TSB772 Datasheet
106Kb / 4P
Low Vcesat PNP Transistor
TSB772CKB0 TSC-TSB772CKB0 Datasheet
98Kb / 4P
Low Vcesat PNP Transistor
TSB772CKB0G TSC-TSB772CKB0G Datasheet
98Kb / 4P
Low Vcesat PNP Transistor
TSB772CKB0G TSC-TSB772CKB0G Datasheet
106Kb / 4P
Low Vcesat PNP Transistor
More results

Similar Description - TSB772

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
Low Vce(sat) PNP Transistor
TSB1424A TSC-TSB1424A Datasheet
71Kb / 3P
Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
2SB1427W6 PANJIT-2SB1427W6 Datasheet
227Kb / 5P
PNP Low Vce(sat) Transistor
2SB1197A PANJIT-2SB1197A Datasheet
239Kb / 5P
PNP Low Vce(sat) Transistor
May 6,2016-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
PNP Low Vce(sat) Transistor
November 4,2016-REV.00
BCP53-16-AU PANJIT-BCP53-16-AU Datasheet
396Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
BCX53-16-AU PANJIT-BCX53-16-AU Datasheet
375Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
PBHV9110DH-AU PANJIT-PBHV9110DH-AU Datasheet
404Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com