Electronic Components Datasheet Search
  English  ▼

X  

BGS12WN6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGS12WN6
Description  Wideband SPDT Diversity Switch with High Switching Speed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS12WN6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGS12WN6 Datasheet HTML 1Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 2Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 3Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 4Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 5Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 6Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 7Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 8Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BGSWN
Wideband SPDT Diversity Switch with High Switching Speed
Maximum Ratings
Maximum Ratings
Table : Maximum Ratings
at TA = 25 ◦C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Frequency Range )
f
.
–
GHz
–
Supply voltage
VDD
–
.
V
–
Storage temperature range
TSTG
-
–
◦
C
–
RF input power at all RF ports
PRF,max
–
–
dBm
CW / VSWR : / 50 Ω
ESD capability, CDM )
VESD,CDM
-
–
+
kV
–
ESD capability, HBM )
VESD,HBM
-
–
+
kV
–
ESD capability RF ports )
VESD,RF
-
–
+
kV
Each single RF-in/out port ver-
sus GND, with
nH shunt in-
ductor
-
–
+
kV
Each single RF-in/out port ver-
sus GND, with
nH shunt in-
ductor
Junction temperature
Tj
–
–
◦
C
–
Thermal resistance junction -
soldering point
RthJS
–
–
K/W
–
Maximum DC-voltage on RF
ports and RF-Ground
VRFDC
–
V
No DC voltages allowed on RF-
Ports
)There is also a DC connection between switched paths. The DC voltage at RF ports VRFDC has to be V.
)Field-Induced Charged-Device Model ANSI/ESDA/JEDEC JS-
. Simulates charging/discharging events that occur in production equipment and
processes. Potential for CDM ESD events occurs whenever there is metal-to-metal contact in manufacturing.
)Human Body Model ANSI/ESDA/JEDEC JS-
(R = 1.5 kΩ, C = 100 pF).
)IEC
-- (R = 330 Ω, C = 150 pF), contact discharge.
Attention:
Stresses above the max. values listed here may cause permanent damage to the device. Maximum
ratings are absolute ratings; exceeding only one of these values may cause irreversible damage to
the integrated circuit. Exposure to conditions at or below absolute maximum rating but above the
specified maximum operation conditions may a ect device reliability and life time. Functionality of
the device might not be given under these conditions.
Datasheet
Revision .
- -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com