Electronic Components Datasheet Search
  English  ▼

X  

BGS12WN6 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BGS12WN6
Description  Wideband SPDT Diversity Switch with High Switching Speed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS12WN6 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BGS12WN6 Datasheet HTML 8Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 9Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 10Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 11Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 12Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 13Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 14Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 15Page - Infineon Technologies AG BGS12WN6 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
BGSWN
Wideband SPDT Diversity Switch with High Switching Speed
Package Information
0.25
0.4
0.25
0.4
Stencil apertures
Copper
Solder mask
(stencil thickness 100 µm)
NSMD
Figure :
Footprint Recommendation
PG-TSNP-6-10
PG-TSNP-6-2
PG-TSNP-6-8
Figure :
Marking Specification (Top View). Monthly date code specified in Table .
Table
: Monthly Date Code Marking
Month
P
a
p
A
P
a
p
A
P
Q
b
q
B
Q
b
q
B
Q
R
c
r
C
R
c
r
C
R
S
d
s
D
S
d
s
D
S
T
e
t
E
T
e
t
E
T
U
f
u
F
U
f
u
F
U
V
g
v
G
V
g
v
G
V
X
h
x
H
X
h
x
H
X
Y
j
y
J
Y
j
y
J
Y
Z
k
z
K
Z
k
z
K
Z
l
L
l
L
n
N
n
N
Datasheet
Revision .
- -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com