| Electronic Components Datasheet Search |
|
KMA321 Datasheet(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KMA321 Datasheet(HTML) 42 Page - NXP Semiconductors |
|
42 / 71 page ![]() NXP Semiconductors KMA321 Programmable angle sensor IC KMA321 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 3 — 28 January 2019 42 / 71 A more detailed description of all customer accessible registers is given in Section 16.5. Both default value and the complete command including the address and write or read request are also listed. 16.3.1 Write access To write data to the non-volatile memory, perform the following procedure for write access: 1. Start condition: The master drives a rising edge after a LOW level 2. Command: The master sends a write command (CMD0 = 0) 3. Data: The master sends two data bytes 4. Stop condition: The master drives a rising edge after a LOW level Figure 24 shows the write access of the digital interface. The signal OWI represents the data on the bus from the master or slave. The signals: master output enable and slave output enable indicate when the master or the slave output is enabled or disabled, respectively. 001aag743 master output enable slave output enable START CMD7 CMD0 STOP (1) (2) IDLE WDATA15 WDATA0 OWI 1. Missing rising edges generate a timeout condition and the written data is ignored. 2. If the master does not drive the bus, the bus-pull defines the bus. Figure 24. OWI write access Note: As already mentioned in Section 16.1, use the write procedure to enter the command mode. If command mode is not entered, communication is not possible and the sensor operates in normal operation mode. After changing an address, the time tprog must elapse before changing another address. After changing the contents of the non-volatile memory, recalculate and write the checksum (see Section 16.4). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |