Electronic Components Datasheet Search
  English  ▼

X  

KMA321 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # KMA321
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA321 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button KMA321 Datasheet HTML 4Page - NXP Semiconductors KMA321 Datasheet HTML 5Page - NXP Semiconductors KMA321 Datasheet HTML 6Page - NXP Semiconductors KMA321 Datasheet HTML 7Page - NXP Semiconductors KMA321 Datasheet HTML 8Page - NXP Semiconductors KMA321 Datasheet HTML 9Page - NXP Semiconductors KMA321 Datasheet HTML 10Page - NXP Semiconductors KMA321 Datasheet HTML 11Page - NXP Semiconductors KMA321 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
NXP Semiconductors
KMA321
Programmable angle sensor IC
KMA321
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 28 January 2019
8 / 71
8.4 CRC nibble
The CRC nibble contains the 4-bit checksum of the DATA nibbles only. The CRC
calculation does not cover the STATUS nibble.
The CRC is calculated using polynomial x4 + x3 + x2 + 1 with seed value of 0101b. The
KMA321 supports both the legacy CRC defined in SENT SAE J2716 FEB2008 and
earlier revisions and the recommended CRC defined in SENT SAE J2716 JAN2010 and
later.
The CRC version can be selected via CRC type bit in the SENT_SETTING1 register;
see Table 51. CRC in accordance with SAE J2710 JAN2010 is the default configuration.
8.5 PAUSE pulse
A PAUSE pulse can be optionally attached to the SENT frame to generate messages
with a constant frame length via register; see Table 51. The frame length depends on the
protocol format:
• A.1 and H.1: 239 clock ticks
• A.3 and H.4: 269 clock ticks
• H.3: 196 clock ticks
Additionally, the frame length with PAUSE pulse can be set to 297 clock ticks for all
protocol formats via register.
8.6 DATA nibbles
In general, the DATA nibbles contain the fast channel angular value of the device. The
DATA nibble content depends on the selected protocol format. KMA321 supports the
following different protocol formats as defined in the SAE J2716 SENT specification:
• Single secure sensor format A.3 (rev 3), H.4 (rev 4)
• Dual throttle position sensor format A.1 (rev 3), H.1 (rev 4)
• High-speed 12-bit message format H.3 (rev 4)
A detailed frame format description can be found in the corresponding subsection.
8.7 Single secure sensor formats A.3 and H.4
KMA321 generates the sequence defined in Table 6 repeatedly in accordance with
the single secure sensor format defined in SAE J2716 JAN2010 SENT appendix A.3,
respectively J2716 APR2016 SENT appendix H.4. DATA nibbles D0 to D2 contain
the 12-bit angular value. D3 and D4 reflect the value of an 8-bit loop counter. D5 is an
inverted copy of the most significant nibble (MSN) DATA0. The difference between
A.3 and H.4 is that A.3 uses the whole 12-bit data range for angular values while H.4
excludes the values 0 and 4089 to 4095 from the angular data range for diagnostic
purposes; see Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com