Electronic Components Datasheet Search
  English  ▼

X  

MJ802 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ802
Description  High-Power NPN Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ802 Datasheet(HTML) 1 Page - ON Semiconductor

  MJ802 Datasheet HTML 1Page - ON Semiconductor MJ802 Datasheet HTML 2Page - ON Semiconductor MJ802 Datasheet HTML 3Page - ON Semiconductor MJ802 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
High-Power NPN Silicon
Transistor
. . . for use as an output device in complementary audio amplifiers to 100–Watts
music power per channel.
• High DC Current Gain — hFE = 25–100 @ IC = 7.5 A
• Excellent Safe Operating Area
• Complement to the PNP MJ4502
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCER
100
Vdc
Collector–Base Voltage
VCB
100
Vdc
Collector–Emitter Voltage
VCEO
90
Vdc
Emitter–Base Voltage
VEB
4.0
Vdc
Collector Current
IC
30
Adc
Base Current
IB
7.5
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
_C
PD
200
1.14
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
0.875
_C/W
200
150
100
50
0
40
60
120
140
200
Figure 1. Power–Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
0
20
80
100
160
180
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ802/D
© Motorola, Inc. 1995
MJ802
30 AMPERE
POWER TRANSISTOR
NPN SILICON
100 VOLTS
200 WATTS
CASE 1–07
TO–204AA
(TO–3)
REV 7


Similar Part No. - MJ802

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
logo
Motorola, Inc
MJ802 MOTOROLA-MJ802 Datasheet
136Kb / 4P
30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
logo
STMicroelectronics
MJ802 STMICROELECTRONICS-MJ802 Datasheet
277Kb / 5P
COMPLEMENTARY HIGH POWER TRANSISTORS
Dec-1988
logo
Wing Shing Computer Com...
MJ802 WINGS-MJ802 Datasheet
55Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Central Semiconductor C...
MJ802 CENTRAL-MJ802 Datasheet
54Kb / 1P
Power Transistors
More results

Similar Description - MJ802

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Sep-2003
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com