Electronic Components Datasheet Search
  English  ▼

X  

MJ802 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJ802
Description  High-Power NPN Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ802 Datasheet(HTML) 2 Page - ON Semiconductor

  MJ802 Datasheet HTML 1Page - ON Semiconductor MJ802 Datasheet HTML 2Page - ON Semiconductor MJ802 Datasheet HTML 3Page - ON Semiconductor MJ802 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ802
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(1) (IC = 200 mAdc, RBE = 100 Ohms)
BVCER
100
—
Vdc
Collector–Emitter Sustaining Voltage(1) (IC = 200 mAdc)
VCEO(sus)
90
—
Vdc
Collector–Base Cutoff Current
(VCB = 100 Vdc, IE = 0)
(VCB = 100 Vdc, IE = 0, TC = 150_C)
ICBO
—
—
1.0
5.0
mAdc
Emitter–Base Cutoff Current (VBE = 4.0 Vdc, IC = 0)
IEBO
—
1.0
mAdc
ON CHARACTERISTICS(1)
DC Current Gain(1) (IC = 7.5 Adc, VCE = 2.0 Vdc)
hFE
25
100
—
Base–Emitter “On” Voltage (IC = 7.5 Adc, VCE = 2.0 Vdc)
VBE(on)
—
1.3
Vdc
Collector–Emitter Saturation Voltage (IC = 7.5 Adc, IB = 0.75 Adc)
VCE(sat)
—
0.8
Vdc
Base–Emitter Saturation Voltage (IC = 7.5 Adc, IB = 0.75 Adc)
VBE(sat)
—
1.3
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product (IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
—
MHz
(1)Pulse Test: Pulse Width v 300 µs, Duty Cycle v 2.0%.
IC, COLLECTOR CURRENT (AMP)
TJ = 175° C
3.0
IC, COLLECTOR CURRENT (AMP)
1.0
2.0
0.7
1.0
0.5
0.1
Figure 2. DC Current Gain
Figure 3. ‘‘On” Voltages
VBE(sat) @ IC/IB = 10
VCE = 2.0 V
25
°C
– 55
°C
TJ = 25°C
0.03
0.1
0.2 0.3 0.5
10
20 30
0.3
0.2
0.05
2.0 3.0 5.0
DATA SHOWN IS OBTAINED FROM PULSE TESTS
AND ADJUSTED TO NULLIFY EFFECT OF ICBO.
2.0
1.8
1.4
1.6
1.2
0
1.0
0.8
0.6
0.4
0.2
1.0
0.03
0.1
0.2 0.3 0.5
10
20 30
0.05
2.0 3.0 5.0
VBE @ VCE = 2.0 V
VCE(sat) @ IC/IB = 10
50
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
20
10
1.0
0.2
10
Figure 4. Active Region Safe Operating Area
100
5.0
2.0
0.5
0.1
20
2.0
3.0
100
50
30
SECONDARY BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATIONS TC = 25°C
PULSE DUTY CYCLE
≤ 10%
TJ = 200° C
100
µs
1.0 ms
5.0 ms
dc
The Safe Operating Area Curves indicate IC – VCE limits
below which the device will not enter secondary breakdown.
Collector load lines for specific circuits must fall within the
applicable Safe Area to avoid causing a catastrophic failure.
To insure operation below the maximum TJ, power tempera-
ture derating must be observed for both steady state and
pulse power conditions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com