Electronic Components Datasheet Search
  English  ▼

X  

1751626 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1751626
Description  Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751626 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1751626 Datasheet HTML 1Page - PHOENIX CONTACT 1751626 Datasheet HTML 2Page - PHOENIX CONTACT 1751626 Datasheet HTML 3Page - PHOENIX CONTACT 1751626 Datasheet HTML 4Page - PHOENIX CONTACT 1751626 Datasheet HTML 5Page - PHOENIX CONTACT 1751626 Datasheet HTML 6Page - PHOENIX CONTACT 1751626 Datasheet HTML 7Page - PHOENIX CONTACT 1751626 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1751626
06/30/2020   Page 4 / 8
Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035 - 1751626
Technical data
Climatic tests (D)
Cold stress
-40 °C/2 h
Thermal stress
100 °C/168 h
Corrosive stress
0.2 dm3 SO2 on 300 dm3/40 °C/1 cycle
Impulse withstand voltage at sea level
4.8 kV
Power-frequency withstand voltage
2.21 kV
Environmental and durability tests (E)
Specification
IEC 61984:2008-10
Result, degree of protection, IP code
Finger safety with IP20 test finger
Standards and Regulations
Connection in acc. with standard
EN-VDE
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Diagram
Type: MSTB 2,5/...-ST with MSTBVA 2,5/...-G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com