Electronic Components Datasheet Search
  English  ▼

X  

1751626 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751626
Description  Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751626 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751626 Datasheet HTML 1Page - PHOENIX CONTACT 1751626 Datasheet HTML 2Page - PHOENIX CONTACT 1751626 Datasheet HTML 3Page - PHOENIX CONTACT 1751626 Datasheet HTML 4Page - PHOENIX CONTACT 1751626 Datasheet HTML 5Page - PHOENIX CONTACT 1751626 Datasheet HTML 6Page - PHOENIX CONTACT 1751626 Datasheet HTML 7Page - PHOENIX CONTACT 1751626 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1751626
06/30/2020   Page 1 / 8
Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035 - 1751626
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 8, pitch: 5 mm, color: light gray, contact surface: Tin, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.9 mm
The figure shows a 10-position
version of the product
Your advantages
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Well-known mounting principle allows worldwide use
 Vertical connection enables multi-row arrangement on the PCB
 Closed contour for optimum stability of the plug-in connection
 Easy PCB replacement thanks to plug-in modules
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356317658
Technical data
Item properties
Brief article description
Feed-through header
Plug-in system
CLASSIC COMBICON
Type of contact
Male connector
Range of articles
MSTBVA 2,5/..-G
Pitch
5 mm
Number of positions
8
Mounting type
Wave soldering
Pin layout
Linear pinning
Locking
without
Number of levels
1


Similar Part No. - 1751626

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751620 PHOENIX-1751620 Datasheet
300Kb / 10P
FFKDSA1/V1-5,08-18 - PCB terminal block
More results

Similar Description - 1751626

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1899197 PHOENIX-1899197 Datasheet
166Kb / 9P
Printed-circuit board connector - DFK-MSTBVA 2,5/ 8-G-5,08
1730074 PHOENIX-1730074 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 3-G GY7035
1751600 PHOENIX-1751600 Datasheet
226Kb / 7P
Printed-circuit board connector - MSTBVA 2,5/ 6-G GY7035
1760051 PHOENIX-1760051 Datasheet
67Kb / 4P
Printed-circuit board connector - MSTBVA 2,5/ 8-G-5,08 BK
1746101 PHOENIX-1746101 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G AU
1920613 PHOENIX-1920613 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G BU
1920626 PHOENIX-1920626 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G YE
1920639 PHOENIX-1920639 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G OG
1920642 PHOENIX-1920642 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G RD
1809322 PHOENIX-1809322 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/ 8-G-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com