Electronic Components Datasheet Search
  English  ▼

X  

1752218 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752218
Description  MSTB 2,5/ 3-ST-5,08 AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752218 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752218 Datasheet HTML 1Page - PHOENIX CONTACT 1752218 Datasheet HTML 2Page - PHOENIX CONTACT 1752218 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 3-ST-5,08 AU
Order No.: 1752218
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1752218
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal surface:
Au
 
Commercial data
GTIN (EAN)
4
017918
213046
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1752218

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
175221-1 TEC-175221-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1752214 PHOENIX-1752214 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 2-5,0
Sep 8, 2022
More results

Similar Description - 1752218

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1759509 PHOENIX-1759509 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 BK
1777293 PHOENIX-1777293 Datasheet
150Kb / 7P
FRONT-MSTB 2,5/ 3-ST-5,08
1749140 PHOENIX-1749140 Datasheet
113Kb / 5P
MSTB 2,5/13-ST-5,08 AU
1752124 PHOENIX-1752124 Datasheet
113Kb / 5P
MSTB 2,5/ 2-ST-5,08 AU
1752195 PHOENIX-1752195 Datasheet
95Kb / 2P
MSTB 2,5/ 3-ST AU
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1752483 PHOENIX-1752483 Datasheet
103Kb / 3P
MSTB 2,5/ 6-ST-5,08 AU
1752687 PHOENIX-1752687 Datasheet
116Kb / 6P
MSTB 2,5/ 8-ST-5,08 AU
1765564 PHOENIX-1765564 Datasheet
47Kb / 3P
Plug - MSTB 2,5/ 3-ST-5,08 BK AU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com