Electronic Components Datasheet Search
  English  ▼

X  

1752218 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1752218
Description  MSTB 2,5/ 3-ST-5,08 AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752218 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1752218 Datasheet HTML 1Page - PHOENIX CONTACT 1752218 Datasheet HTML 2Page - PHOENIX CONTACT 1752218 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSTB 2,5/ 3-ST-5,08 AU Order No.: 1752218
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1752218
PHOENIX CONTACT Inc., USA
Page 2 / 3
http://www.phoenixcon.com
Jan 28, 2011
Accessories
Item
Designation
Description
Bridges
1733172
EBP 3- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 3
General
1733169
EBP 2- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 2
1803947
KGG-MSTB 2,5/ 3
Cable housing, Pitch: 0 mm, Number of positions: 3, Dimension a:
15 mm, Color: green
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0805108
SK 5,08/2,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 14 identical marker strips per card, max.
25-position labeling per strip, color: White
0804293
SK 5,08/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
0803883
SK U/2,8 WH:UNBEDRUCKT
Kennzeichnungskarten unbedruckt, DIN A4-Format, freie
Rastereinteilung, selbstklebend, mit 50 vorgestanzten
Kennzeichnungsstreifen, 185 mm Streifenlänge, beschriftbar mit
dem CMS-System oder manuell mit dem B-STIFT oder X-PEN
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com