Electronic Components Datasheet Search
  English  ▼

X  

1752865 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1752865
Description  Plug - MSTB 2,5/10-ST-5,08 AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752865 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1752865 Datasheet HTML 1Page - PHOENIX CONTACT 1752865 Datasheet HTML 2Page - PHOENIX CONTACT 1752865 Datasheet HTML 3Page - PHOENIX CONTACT 1752865 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1752865
02/20/2017   Page 3 / 4
Plug - MSTB 2,5/10-ST-5,08 AU - 1752865
Technical data
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”, Category
“Manufacturer's declaration”
Approvals
Approvals
Approvals
CSA / VDE Gutachten mit Fertigungsüberwachung / IECEE CB Scheme / cULus Recognized / EAC
Ex Approvals
Approval details
CSA 
 http://www.csagroup.org/services/testing-
and-certification/certified-product-listing/
 13631
 
B
D
mm²/AWG/kcmil
28-12
28-12
Nominal current IN
15 A
10 A
Nominal voltage UN
300 V
300 V
VDE Gutachten mit
Fertigungsüberwachung 
 http://www.vde.com/en/Institute/OnlineService/
VDE-approved-products/Pages/Online-Search.aspx
 40004701
 
 
mm²/AWG/kcmil
0.2-2.5
Nominal current IN
12 A
Nominal voltage UN
250 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com