Electronic Components Datasheet Search
  English  ▼

X  

1752865 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752865
Description  Plug - MSTB 2,5/10-ST-5,08 AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752865 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752865 Datasheet HTML 1Page - PHOENIX CONTACT 1752865 Datasheet HTML 2Page - PHOENIX CONTACT 1752865 Datasheet HTML 3Page - PHOENIX CONTACT 1752865 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1752865
02/20/2017   Page 1 / 4
Plug - MSTB 2,5/10-ST-5,08 AU - 1752865
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 10, Pitch: 5.08 mm,
Connection method: Screw connection with tension sleeve, Color: green, Contact surface: Gold
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4017918213442
Weight per Piece (excluding packing)
17.090 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
45.72 mm
General
Range of articles
MSTB 2,5/..-ST
Type of contact
Female connector
Number of positions
10
Connection method
Screw connection with tension sleeve
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE


Similar Part No. - 1752865

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
175286 MACOM-175286 Datasheet
2Mb / 43P
AMP Dynamic Series Connectors
logo
List of Unclassifed Man...
175286-2 ETC2-175286-2 Datasheet
10Mb / 236P
T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
Tyco Electronics
1752868-1 MACOM-1752868-1 Datasheet
137Kb / 3P
Hydraulic Crimping Head
More results

Similar Description - 1752865

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849037 PHOENIX-1849037 Datasheet
125Kb / 5P
MSTB 2,5/ 5-ST-5,08 ABGY AU
1749140 PHOENIX-1749140 Datasheet
113Kb / 5P
MSTB 2,5/13-ST-5,08 AU
1752124 PHOENIX-1752124 Datasheet
113Kb / 5P
MSTB 2,5/ 2-ST-5,08 AU
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1752483 PHOENIX-1752483 Datasheet
103Kb / 3P
MSTB 2,5/ 6-ST-5,08 AU
1752687 PHOENIX-1752687 Datasheet
116Kb / 6P
MSTB 2,5/ 8-ST-5,08 AU
1758694 PHOENIX-1758694 Datasheet
102Kb / 3P
MSTB 2,5/10-ST-5,08 BK
1765564 PHOENIX-1765564 Datasheet
47Kb / 3P
Plug - MSTB 2,5/ 3-ST-5,08 BK AU
1832645 PHOENIX-1832645 Datasheet
92Kb / 4P
MSTB 2,5/10-ST-5,08 BD:NZSO
11/04/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com