Electronic Components Datasheet Search
  English  ▼

X  

HM5022 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5022
Description  16V/3A coil driver with integrated dual half bridge and quad power switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5022 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5022 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5022 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5022 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5022 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5022 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5022 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5022 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
封装和脚位图
极限参数
注: 使用时超出此极限参数会导致电路损毁或影响长期可靠性.)
VDD1, VDD2, SW1, SW2 电压…………………–0.3V to 30V
BST1, BST2 电压……………………………………………SW+ 5.5V
IN1, EN1, IN2, EN 电压……………………………–0.3V to 5.5V
工作温度范围…………………………………………–40°C to 85°C
存储温度范围………………………………………–55°C to 150°C
热阻
ΘJA
ΘJC
DFN3x3-12…………………………50……………10……………°C/W
引脚最高温度(回流焊 10 秒) ………………………………260°C
ESD HBM (人体模型)………………………………………………2KV
ESD MM (机器模型)………………………………………………200V
电性能参数
(除非特殊标明,Vdd=12V, 环境温度 25C)
参数
测试条件
最小值
典型值
最大值
单位
VDD 工作电压范围
4.2
16
V
Idd 工作电流
Vin=9V, EN=high,IN=low
1.25
mA
IN1,IN2 高电平
2
V
IN1,IN2 低电平
0.4
V
EN1,EN2 高电平
2
V
EN1,EN2 低电平
0.4
V
SW1,SW2 漏电流
SW=12V
20
uA
SW1,SW2 输出限流
3.5
4
A
过温保护
温度逐渐上升,回滞=30°C
150
°C
HM5022



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com