Electronic Components Datasheet Search
  English  ▼

X  

HM5403 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5403
Description  Built-in MOSFET lithium battery protection chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5403 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5403 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5403 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5403 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5403 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5403 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5403 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5403 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5403 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 / 8
电器参数
除非特殊说明,
TA = 27oC, VDD=3.7V
项目
符号
条件
最小值
典型值
最大值
单位
检测电压
过充检测电压
VOCV
4.25
4.30
4.35
V
过充解除电压
VOCR
4.04
4.10
4.16
V
过放检测电压
VODV
2.65
2.75
2.85
V
过放解除电压
VODR
2.9
3.0
3.1
V
检测电流
过放电流检测 1
IOCI1
3.2
4.5
5.7
A
过放电流检测 2
IOCI2
6
7.5
9
A
短路电流检测
ISHORT
10
18
25
A
充电电流检测
ICHA
3.0
4.5
5.8
A
电流损耗
工作电流
IOPE
1.7
3.5
μA
休眠电流
IPDN
VM 悬空
0.3
0.5
μA
VM 上下拉电流
内部上拉电流
IPU
4
μA
内部下拉电流
IPD
VM=1.0V
4
μA
FET 内阻
VM 到 GND 内阻
RDS(ON)
IVM =1.0A
30
36
45
m
Ω
过温保护
过温保护检测温度
TSHD
140
℃
过温保护释放温度
TSHR
120
检测延时
过充检测电压延时
TOCV
120
mS
过放检测电压延时
TODV
120
mS
过放电流 1 检测延时
TIOV1
10
mS
过放电流 2 检测延时
TIOV2
2
mS
短路电流检测延时
TSHORT
150
uS
内置
MOSFET 锂电池保护芯片



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com