Electronic Components Datasheet Search
  English  ▼

X  

SS495A Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SS495A
Description  Solid State Sensors Miniature Ratiometric Linear
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS495A Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SS495A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS495A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS495A Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS495A Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Solid State Sensors
SS490 Series
Miniature Ratiometric Linear
22
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
SS496 SPECIFICATIONS, VS 5.0 V, TA
–40 to +125°C (unless otherwise noted)
Catalog Listings
SS496A
SS496A1
Standard
High Accuracy
Supply Voltage, DC
4.5 to 10.5
4.5 to 10.5
Supply Current @ 25°C (mA)
Typ.
7.0
7.0
Max.
8.7
8.7
Output Type (Sink or Source)
Ratiometric
Ratiometric
Output Current, mA
Typ. Source
Vs>4.5V
1.5
1.5
Min. Source
Vs>4.5V
1.0
1.0
Min. Sink
Vs>4.5V
0.6
0.6
Min. Sink
Vs>5.0V
1.0
1.0
Magnetic Range
Typ.
–840 to +840 Gauss (–84 to +84 mT)
Min.
–750 to +750 Gauss (–75 to +75 mT)
Output Voltage Span
Typ.
0.2 to (Vs - 0.2)
0.2 to (Vs - 0.2)
Min.
0.4 to (Vs - 0.4)
0.4 to (Vs - 0.4)
Null (Output @ 0 Gauss, V)
2.500 ± 0.175
2.500 ± 0.075
Sensitivity (mV/G)
2.500 ± 0.100
2.50 ± 0.075
Linearity, % of Span
Typ.
–1.0%
–1.0%
Max.
–1.5%
–1.5%
Temperature Error
Null Drift (%/°C)
±0.048%
±0.032%
Sensitivity Drift (%/°C)
≥25°C Max.
−0.01, +0.05
−0.01, +0.06
<25°C Max.
−0.00, +0.06
−0.00, +0.06
NULL SHIFT VS TEMPERATURE
TRANSFER CHARACTERISTICS @ VS
5 VDC
SUPPLY CURRENT VS TEMP.
TYP. FREQUENCY RESPONSE
SENSITIVITY SHIFT VS TEMP
SENSITIVITY/V VS VS
LINEARITY VS VS
RATIO OF VNULL TO VS
PDFINFO
p a g e - 0 2 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com