Electronic Components Datasheet Search
  English  ▼

X  

SS495A Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS495A
Description  Solid State Sensors Miniature Ratiometric Linear
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS495A Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS495A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS495A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS495A Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS495A Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Solid State Sensors
SS490 Series
Miniature Ratiometric Linear
20
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FEATURES
Small size (.160 × .118 )
Low power consumption - typically
7mAat5VDC
Single current sinking or current
sourcing linear output
Built-in thin-film resistors - laser
trimmed for precise sensitivity and
temperature compensation
Rail-to-rail operation provides more
useable signal for higher accuracy
Operating temperature range of –40
to +150°C
Responds to either positive or
negative gauss
Quad Hall sensing element for stable
output
SS490 Series MRL (Miniature Ratiometric
Linear) sensors have a ratiometric output
voltage, set by the supply voltage. It var-
ies in proportion to the strength of the
magnetic field.
A new Hall effect integrated circuit chip
provides increased temperature stability
and sensitivity. Laser trimmed thin film
resistors on the chip provide high accu-
racy (null to ±3%, sensitivity up to ±3%)
and temperature compensation to re-
duce null and gain shift over temperature.
The quad Hall sensing element minimizes
the effects of mechanical or thermal
stress on the output. The positive temper-
ature coefficient of the sensitivity
(+0.02%/°C typical) helps compensate
for the negative temperature coefficients
of low cost magnets, providing a robust
design over a wide temperature range.
NOTICE
Products ordered in bulk packaging
(plastic bags) may not have perfectly
straight leads as a result of normal
handling and shipping operations.
Please order tape packaging option for
applications with critical lead straight-
ness requirements.
SS495 SPECIFICATIONS, VS = 5.0 V, TA
–40 to 125°C (unless otherwise noted)
Catalog Listings
SS495A*
SS495A1*
SS495A2*
Standard
High Accuracy
Basic
Supply Voltage (VDC)
4.5 to 10.5
4.5 to 10.5
4.5 to 10.5
Supply Current @ 25°C (mA)
Typ.
7.0
7.0
7.0
Max.
8.7
8.7
8.7
Output Type (Sink or Source)
Ratiometric
Ratiometric
Ratiometric
Output Current (mA)
Typ. Source
Vs>4.5V
1.5
1.5
1.5
Min. Source
Vs>4.5V
1.0
1.0
1.0
Min. Sink
Vs>4.5V
0.6
0.6
0.6
Min. Sink
Vs>5.0V
1.0
1.0
1.0
Magnetic Range
Typ.
–670 to +670 Gauss (–67 to +67 mT)
Min.
–600 to +600 Gauss (–60 to +60 mT)
Output Voltage Span
Typ.
0.2 to (Vs - 0.2)
0.2 to (Vs - 0.2)
0.2 to (Vs - 0.2)
Min.
0.4 to (Vs - 0.4)
0.4 to (Vs - 0.4)
0.4 to (Vs - 0.4)
Null (Output @ 0 Gauss, V)
2.50 ± 0.075
2.50 ± 0.075
2.50 ± 0.100
Sensitivity (mV/G)
3.125 ± 0.125
3.125 ± 0.094
3.125 ± 0.156
Linearity, % of Span
Typ.
–1.0%
–1.0%
–1.0%
Max.
–1.5%
–1.5%
–1.5%
Temperature Error
Null Drift (%/°C)
±0.06%
±0.04%
±0.07%
Sensitivity Drift (%/°C)
≥25°C Max.
−0.01%+0.05%
−0.01%+0.05%
−0.02%+0.06%
<25°C Max.
−0.00%+0.06%
−0.00%+0.06%
−0.01%+0.07%
*Bulk, 1,000 per bag
To order Surface Mount: add -S suffix to listing. Example: SS495A-S.
To order tape in Ammopack style T2: add -T2 suffix to listing.
To order tape in Ammopack style T3: add -T3 suffix to listing.
To order tape in reel style P (surface mount): add -SP suffix to listing.
PDFINFO
p a g e - 0 2 0


Similar Part No. - SS495A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Honeywell Accelerometer...
SS495A1-L HONEYWELL-ACC-SS495A1-L Datasheet
653Kb / 5P
Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS495A1-S HONEYWELL-SS495A1-S Datasheet
1Mb / 5P
MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
More results

Similar Description - SS495A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
Honeywell Solid State E...
SS490 HONEYWELL-SS490 Datasheet
157Kb / 5P
Solid State Hall Effect Sensors High Performance Miniature Ratiometric Linear
SS495A1-S HONEYWELL-SS495A1-S Datasheet
1Mb / 5P
MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Unisonic Technologies
UH495 UTC-UH495 Datasheet
198Kb / 4P
SOLID STATE SENSORS MINIATURE RATIOMETRIC LINEAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com