Electronic Components Datasheet Search
  English  ▼

X  

1753909 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1753909
Description  Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 BK AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753909 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1753909 Datasheet HTML 1Page - PHOENIX CONTACT 1753909 Datasheet HTML 2Page - PHOENIX CONTACT 1753909 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/us/products/1753909
10/24/2014   Page 3 / 3
Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 BK AU - 1753909
Approvals
cUL Recognized 
 
B
D
Nominal current IN
8 A
8 A
Nominal voltage UN
300 V
300 V
cULus Recognized 
Drawings
Diagram
100
80
60
40
20
0
8
10
16
12
14
4
6
0
2
=2-pos.
=5-pos.
=10-pos.
=20-pos.
Ambienttemperature[°C]
Type: FRONT-MC 1,5/...-STF-3,81 AU with MCV 1,5/...-GF-3,81 AU
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com