Electronic Components Datasheet Search
  English  ▼

X  

1753909 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753909
Description  Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 BK AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753909 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753909 Datasheet HTML 1Page - PHOENIX CONTACT 1753909 Datasheet HTML 2Page - PHOENIX CONTACT 1753909 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1753909
10/24/2014   Page 1 / 3
Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 BK AU - 1753909
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Number of positions: 8, Pitch: 3.81 mm, Color: black, Contact surface: Gold
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
3.81 mm
Dimension a
26.67 mm
General
Range of articles
MCV 1,5/..-GF
Rated voltage (III/3)
160 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Color
black
Number of positions
8
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402


Similar Part No. - 1753909

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17539 VICOR-17539 Datasheet
75Kb / 1P
HTSNK, C LONG,. .911 LOW FLOW. THRU HOLE
logo
List of Unclassifed Man...
17539 ETC2-17539 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Vicor Corporation
17539-G VICOR-17539-G Datasheet
75Kb / 1P
HTSNK, C LONG,. .911 LOW FLOW. THRU HOLE
logo
List of Unclassifed Man...
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
logo
PHOENIX CONTACT
1753912 PHOENIX-1753912 Datasheet
57Kb / 4P
Printed-circuit board connector - MCVR 1,5/ 2-ST-3,5 BK BDWH:,-
More results

Similar Description - 1753909

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707696 PHOENIX-1707696 Datasheet
197Kb / 10P
Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 P26 THR
1700673 PHOENIX-1700673 Datasheet
58Kb / 4P
Printed-circuit board connector - MCV 1,5/ 4-GF-3,81 BK
1702454 PHOENIX-1702454 Datasheet
42Kb / 2P
Printed-circuit board connector - MCV 1,5/ 4-GF-3,81 GY
1763232 PHOENIX-1763232 Datasheet
57Kb / 4P
Printed-circuit board connector - MCV 1,5/ 5-GF-3,81 BK
1763931 PHOENIX-1763931 Datasheet
74Kb / 4P
Printed-circuit board connector - MCV 1,5/10-GF-3,81 P14THRR72
1900578 PHOENIX-1900578 Datasheet
54Kb / 3P
Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 GY
1850505 PHOENIX-1850505 Datasheet
57Kb / 4P
Printed-circuit board connector - MCV 1,5/ 6-G-3,81 BK
1923746 PHOENIX-1923746 Datasheet
56Kb / 3P
Printed-circuit board connector - MCV 1,5/ 3-GF-3,81 BK
1950227 PHOENIX-1950227 Datasheet
57Kb / 4P
Printed-circuit board connector - MCV 1,5/ 8-G-3,81 BK
1830635 PHOENIX-1830635 Datasheet
142Kb / 9P
Printed-circuit board connector - MCV 1,5/ 6-GF-3,81
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com