Electronic Components Datasheet Search
  English  ▼

X  

MJD41C Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD41C
Description  Complementary Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD41C Datasheet(HTML) 1 Page - ON Semiconductor

  MJD41C Datasheet HTML 1Page - ON Semiconductor MJD41C Datasheet HTML 2Page - ON Semiconductor MJD41C Datasheet HTML 3Page - ON Semiconductor MJD41C Datasheet HTML 4Page - ON Semiconductor MJD41C Datasheet HTML 5Page - ON Semiconductor MJD41C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 5
1
Publication Order Number:
MJD41C/D
MJD41C (NPN)
MJD42C (PNP)
Preferred Device
Complementary Power
Transistors
DPAK For Surface Mount Applications
Designed for general purpose amplifier and low speed switching
applications.
Features
• Lead Formed for Surface Mount Applications in Plastic Sleeves
(No Suffix)
• Straight Lead Version in Plastic Sleeves (“1” Suffix)
• Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)
• Electrically Similar to Popular TIP41 and TIP42 Series
• Monolithic Construction With Built−in Base − Emitter Resistors
• Epoxy Meets UL 94, V−0 @ 0.125 in.
• ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
100
Vdc
Collector−Base Voltage
VCB
100
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current − Continuous
Peak
IC
6
10
Adc
Base Current
IB
2
Adc
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
20
0.16
W
W/
°C
Total Power Dissipation* @ TA = 25°C
Derate above 25
°C
PD
1.75
0.014
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to
+ 150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance, Junction−to−Ambient*
RqJA
71.4
°C/W
*These ratings are applicable when surface mounted on the minimum pad sizes
recommended.
SILICON
POWER TRANSISTORS
6 AMPERES
100 VOLTS
20 WATTS
DPAK−3
CASE 369D
STYLE 1
DPAK
CASE 369C
STYLE 1
MARKING
DIAGRAMS
Preferred devices are recommended choices for future use
and best overall value.
Y
= Year
WW
= Work Week
x
= 1 or 2
1 2
3
4
YWW
J4xC
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
2
3
4
YWW
J4xC
http://onsemi.com


Similar Part No. - MJD41C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJD41C FAIRCHILD-MJD41C Datasheet
47Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD41C ONSEMI-MJD41C Datasheet
78Kb / 6P
Complementary Power Transistors
January, 2006 ??Rev. 6
logo
Guangdong Kexin Industr...
MJD41C KEXIN-MJD41C Datasheet
46Kb / 2P
Complementary Power Transistors
logo
Weitron Technology
MJD41C WEITRON-MJD41C Datasheet
583Kb / 5P
NPN PLASTIC ENCAPSULATE TRANSISTORS
logo
ON Semiconductor
MJD41C ONSEMI-MJD41C Datasheet
123Kb / 6P
Complementary Power Transistors
January, 2011 ??Rev. 9
More results

Similar Description - MJD41C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
Feb-2002
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
Complementary power transistors
10-Jan-2008
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
Complementary Power Transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
Complementary Power Transistors
February, 2011 ??Rev. 8
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
Complementary Power Transistors
February, 2012 ??Rev. 12
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
Complementary Power Transistors
August, 2021 ??Rev. 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com