Electronic Components Datasheet Search
  English  ▼

X  

1754520 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754520
Description  MSTB 2,5/ 6-G BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754520 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754520 Datasheet HTML 1Page - PHOENIX CONTACT 1754520 Datasheet HTML 2Page - PHOENIX CONTACT 1754520 Datasheet HTML 3Page - PHOENIX CONTACT 1754520 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 6-G BK
Order No.: 1756324
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1756324
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of
positions: 6, Pitch: 5 mm, Color: black, Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
215699
Note
Made-to-order
sales group
E110
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1754520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754520 PHOENIX-1754520 Datasheet
145Kb / 5P
MSTB 2,5/ 6-G
1754520 PHOENIX-1754520 Datasheet
142Kb / 6P
MSTB 2,5/ 6-ST
1754520 PHOENIX-1754520 Datasheet
180Kb / 5P
MDSTB 2,5/ 6-G1
More results

Similar Description - 1754520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754517 PHOENIX-1754517 Datasheet
145Kb / 5P
MSTB 2,5/ 6-G
1756243 PHOENIX-1756243 Datasheet
96Kb / 2P
MSTB 2,5/ 2-G BK
1756285 PHOENIX-1756285 Datasheet
96Kb / 2P
MSTB 2,5/ 4-G BK
1759457 PHOENIX-1759457 Datasheet
96Kb / 2P
MSTB 2,5/ 4-G-5,08 BK
1759460 PHOENIX-1759460 Datasheet
96Kb / 2P
MSTB 2,5/ 6-G-5,08 BK
1741698 PHOENIX-1741698 Datasheet
97Kb / 2P
MSTB 2,5/15-G-5,08 BK
1752441 PHOENIX-1752441 Datasheet
96Kb / 2P
MSTB 2,5/ 6-G BK AU
1756366 PHOENIX-1756366 Datasheet
96Kb / 2P
MSTB 2,5/ 8-G BK
1756405 PHOENIX-1756405 Datasheet
96Kb / 2P
MSTB 2,5/10-G BK
1758924 PHOENIX-1758924 Datasheet
96Kb / 3P
MSTB 2,5/10-G-5,08 BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com