Electronic Components Datasheet Search
  English  ▼

X  

1754520 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1754520
Description  MSTB 2,5/ 6-G BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754520 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1754520 Datasheet HTML 1Page - PHOENIX CONTACT 1754520 Datasheet HTML 2Page - PHOENIX CONTACT 1754520 Datasheet HTML 3Page - PHOENIX CONTACT 1754520 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSTB 2,5/ 6-G BK Order No.: 1756324
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1756324
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Jan 28, 2011
Accessories
Item
Designation
Description
Assembly
1759981
MSTB-BF
Mounting flange, for fixing both ends of the header onto the PCB,
green insulating material, with M 2 x 14 screws and nuts.
1755477
MSTB-BL
Keying cap, for forming sections, plugs onto header pin, green
insulating material
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
0805072
SK 5/3,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 12 identical marker strips per card, max.
25-position labeling per strip, color: white
0805409
SK 5/3,8:UNBEDRUCKT
Marker cards, unprinted, with pitch divisions, self-adhesive, 10-
section marker strips, 12 strips per card, can be labeled with the
M-PEN
Plug/Adapter
1734401
CR-MSTB
Coding section, inserted into the recess in the header or the
inverted plug, red insulating material
Additional products
Item
Designation
Description
Assembly
1909252
FKCT 2,5/ 6-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 6, Pitch: 5 mm, Color: green, Metal
surface: Sn
General
1910393
FKC 2,5/ 6-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 6, Pitch: 5 mm, Color: green, Metal
surface: Sn
1909757
FKCVR 2,5/ 6-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 6, Pitch: 5 mm, Color: green, Metal
surface: Sn
1910076
FKCVW 2,5/ 6-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 6, Pitch: 5 mm, Color: green, Metal
surface: Sn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com