Electronic Components Datasheet Search
  English  ▼

X  

LTC4150CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4150CMS
Description  Coulomb Counter/ Battery Gas Gauge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150CMS Datasheet(HTML) 1 Page - Linear Technology

  LTC4150CMS Datasheet HTML 1Page - Linear Technology LTC4150CMS Datasheet HTML 2Page - Linear Technology LTC4150CMS Datasheet HTML 3Page - Linear Technology LTC4150CMS Datasheet HTML 4Page - Linear Technology LTC4150CMS Datasheet HTML 5Page - Linear Technology LTC4150CMS Datasheet HTML 6Page - Linear Technology LTC4150CMS Datasheet HTML 7Page - Linear Technology LTC4150CMS Datasheet HTML 8Page - Linear Technology LTC4150CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4150
1
4150fa
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
CURRENT SENSE VOLTAGE (mV)
–50
–25
0
25
50
4150 TA01b
0.5
0.4
0.3
0.2
0.1
–0.5
–0.4
–0.3
–0.2
–0.1
0
The LTC
®4150 measures battery depletion and charging in
handheld PC and portable product applications. The de-
vice monitors current through an external sense resistor
between the battery’s positive terminal and the battery’s
load or charger. A voltage-to-frequency converter trans-
forms the current sense voltage into a series of output
pulses at the interrupt pin. These pulses correspond to a
fixed quantity of charge flowing into or out of the battery.
The part also indicates charge polarity as the battery is
depleted or charged.
The LTC4150 is intended for 1-cell or 2-cell Li-Ion and
3-cell to 6-cell NiCd or NiMH applications.
■ Battery Chargers
■ Palmtop Computers and PDAs
■ Cellular Telephones and Wireless Modems
, LTC and LT are registered trademarks of Linear Technology Corporation.
CF
–
CF
+
INT
4.7µF
CLR
CHG
DISCHG
RL
RSENSE
POL
SHDN
4.7µF
CHARGER
LOAD
SENSE – SENSE +
GND
LTC4150
µP
4150 TA01a
VDD
+
RL
Integral Nonlinearity, % of Full Scale
■
Indicates Charge Quantity and Polarity
■ ±50mV Sense Voltage Range
■ Precision Timer Capacitor or Crystal Not Required
■
2.7V to 8.5V Operation
■ High Side Sense
■ 32.55Hz/V Charge Count Frequency
■
1.5µA Shutdown Current
■ 10-Pin MSOP Package
Coulomb Counter/
Battery Gas Gauge


Similar Part No. - LTC4150CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150CMS LINER-LTC4150CMS Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC4150CMSPBF LINER-LTC4150CMSPBF Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC4150CMSTRPBF LINER-LTC4150CMSTRPBF Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
More results

Similar Description - LTC4150CMS

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
High-Precision Coulomb Counter
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
Battery Gas Gauge with I2C Interface
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
logo
Linear Technology
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
Multi-Chemistry CEDV Battery Gas Gauge
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com