Electronic Components Datasheet Search
  English  ▼

X  

LTC4150CMS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4150CMS
Description  Coulomb Counter/ Battery Gas Gauge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150CMS Datasheet(HTML) 3 Page - Linear Technology

  LTC4150CMS Datasheet HTML 1Page - Linear Technology LTC4150CMS Datasheet HTML 2Page - Linear Technology LTC4150CMS Datasheet HTML 3Page - Linear Technology LTC4150CMS Datasheet HTML 4Page - Linear Technology LTC4150CMS Datasheet HTML 5Page - Linear Technology LTC4150CMS Datasheet HTML 6Page - Linear Technology LTC4150CMS Datasheet HTML 7Page - Linear Technology LTC4150CMS Datasheet HTML 8Page - Linear Technology LTC4150CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4150
3
4150fa
(Specifications are at TA = 25°C, unless
otherwise noted.)
VDD (V)
2
3
468
579
4150 G01
+1.00
–1.00
–0.75
–0.50
–0.25
0
+0.25
+0.50
+0.75
VSENSE = 25mV
VSENSE = 50mV
VDD (V)
2
3
468
579
4150 G05
400
0
50
100
150
200
250
300
350
POL PIN
IOL = 1.6mA
INT PIN
TYPICAL PERFOR A CE CHARACTERISTICS
Voltage to Frequency Gain
vs Supply Voltage
Voltage to Frequency Gain
vs Temperature
Operating IDD vs VDD
TEMPERATURE (°C)
-50
-25
0
50
100
25
75
125
4150 G02
+1.00
–1.00
–0.75
–0.50
–0.25
0
+0.25
+0.50
+0.75
VSENSE = 50mV
VDD = 2.7V
VDD = 8.5V
VDD (V)
234
68
579
10
4150 G03
140
120
100
80
60
VDD (V)
234
68
579
10
4150 G04
6
5
4
3
2
1
0
Shutdown IDD vs VDD
Digital Output Low Voltage vs VDD
Undervoltage Lockout Threshold
vs Temperature
4150 G06
2.60
2.52
2.53
2.54
2.55
2.56
2.57
2.58
2.59
RISING EDGE
TEMPERATURE (°C)
-50
-25
0
50
100
25
75
125
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Guaranteed by design and not tested in production.
Note 3: Measured at least 20ms after power on.
Note 4: Tested in feedback loop to SENSE+ and SENSE–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com