Electronic Components Datasheet Search
  English  ▼

X  

PD035VX3 Datasheet(PDF) 18 Page - AZ Displays

Part # PD035VX3
Description  Color TFT LCD module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX3 Datasheet(HTML) 18 Page - AZ Displays

Back Button PD035VX3 Datasheet HTML 14Page - AZ Displays PD035VX3 Datasheet HTML 15Page - AZ Displays PD035VX3 Datasheet HTML 16Page - AZ Displays PD035VX3 Datasheet HTML 17Page - AZ Displays PD035VX3 Datasheet HTML 18Page - AZ Displays PD035VX3 Datasheet HTML 19Page - AZ Displays PD035VX3 Datasheet HTML 20Page - AZ Displays PD035VX3 Datasheet HTML 21Page - AZ Displays PD035VX3 Datasheet HTML 22Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
PD035VX3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:18
1) 10ms≦T1<T2
V
SS(0V)
V
GG
ON
OFF
OFF
V
DD1,VCC
V
EE
T1
T2
T3
T4
Logic signal
RGB-Video signal
VDD2
2) 0ms<T3≦T4≦10ms
14. Optical Characteristics
14-1) Specification:
Ta=25℃
Parameter
Symbol
Condition
MIN.
TYP. MAX.
Unit
Remarks
Horizontal
θ
±
45
±
50
deg
θ
12(to 12
o’clock)
10
15
-
deg
Viewing
Angle
Vertical
θ
11(to 6
o’clock)
CR>10
30
35
-
deg
Note 14-2
Contrast Ratio
CR
200
400
-
-
Note 14-4
Rise
Tr
-
15
30
ms
Response time
Fall
Tf
θ
=0°
-
25
50
ms
Note 14-3
Brightness
θ
=0°
180
210
cd/㎡ Note 14-1
Uniformity
U
θ
=0°
70
75
%
Note 14-5
Cross Talk
θ
=0°
-
-
3
%
Note 14-6
x
0.28
0.31
0.34
-
White Chromaticity
y
0.30
0.33
0.36
-
Note 14-1
LED Life Time
Ta=25℃
-
10000
-
hrs
All the optical measurement shall be executed 1 minute after backlight being turn-on. The optical
characteristics shall be measured in dark room (ambient illumination on panel surface less than 1 Lux). The
measuring configuration shows as following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com