Electronic Components Datasheet Search
  English  ▼

X  

PD035VX3 Datasheet(PDF) 23 Page - AZ Displays

Part # PD035VX3
Description  Color TFT LCD module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX3 Datasheet(HTML) 23 Page - AZ Displays

Back Button PD035VX3 Datasheet HTML 19Page - AZ Displays PD035VX3 Datasheet HTML 20Page - AZ Displays PD035VX3 Datasheet HTML 21Page - AZ Displays PD035VX3 Datasheet HTML 22Page - AZ Displays PD035VX3 Datasheet HTML 23Page - AZ Displays PD035VX3 Datasheet HTML 24Page - AZ Displays PD035VX3 Datasheet HTML 25Page - AZ Displays PD035VX3 Datasheet HTML 26Page - AZ Displays PD035VX3 Datasheet HTML 27Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
PD035VX3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:23
No
Test
Item
Test
Condition
1
High Temperature Storage Test
Ta = +70℃, 240 hrs
2
Low Temperature Storage Test
Ta = -20℃, 240 hrs
3
Low Temperature Operation Test
Ta = 0℃, 240 hrs
4
High Temperature & High Humidity
Operation Test
Ta = +60℃, 90%RH, 240 hrs
(No Condensation)
5
Thermal Cycling Test
(non-operating)
-20℃ +70℃, 100 Cycles
30min 30min
6
Vibration Test
(non-operating)
Frequency : 10 ~ 55 HZ
Amplitude : 1.0 mm
Sweep time : 11 mins
Test Period : 6 Cycles for each direction of X, Y, Z
7
Shock Test
(non-operating)
100G , 6ms
Direction : ±X , ±Y , ±Z
Cycle : 3 times
8
Electrostatic Discharge Test
(non-operating)
200pF, 0Ω
±
200V
1 time / each terminal
9
Hitting Durability Test
( Touch panel)
1,000,000 times, with R 8.0 mm silicon rubber,
200g, 3times/sec
10
Sliding Durability Test
( Touch panel)
1,00,000 times, with R 0.8 mm polyacetal stylus,
200g, 60mm/sec
Ta: ambient temperature
Note : The protective film must be removed before temperature test.
[Judgement Criteria]
Under the display quality test conditions with normal operation state , there should be no
change which may affect practical display function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com