Electronic Components Datasheet Search
  English  ▼

X  

HM4045 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4045
Description  Synchronous boost dual-cell lithium battery charge management IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4045 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4045 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
9 典型特性曲线
(TA=25℃,VIN=5V,RICHG=15KΩ, unless otherwise specified。)
Steady waveform (CC Mode)
BAT Steady waveform (CV Mode)
Steady waveform (Short Mode)
Boost Mode (Null load)
BAT 2V/div
IL
1A/div
VSW 5V/div
BAT 5V/div
IL
2A/div
VSW 5V/div
BAT 5V/div
IL
50mA/div
VSW 5V/div
Time:1s/div
STAT 2V/div
STAT 5V/div
IL
1A/div
VSW 5V/div
Time:20us/div
BAT 5V/div
HM4045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com