Electronic Components Datasheet Search
  English  ▼

X  

AHF2805S Datasheet(PDF) 6 Page - International Rectifier

Part # AHF2805S
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805S Datasheet(HTML) 6 Page - International Rectifier

Back Button AHF2805S Datasheet HTML 2Page - International Rectifier AHF2805S Datasheet HTML 3Page - International Rectifier AHF2805S Datasheet HTML 4Page - International Rectifier AHF2805S Datasheet HTML 5Page - International Rectifier AHF2805S Datasheet HTML 6Page - International Rectifier AHF2805S Datasheet HTML 7Page - International Rectifier AHF2805S Datasheet HTML 8Page - International Rectifier AHF2805S Datasheet HTML 9Page - International Rectifier AHF2805S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
www.irf.com
AHF28XX Series
Specifications
Table III. Electrical Performance Characteristics
AHF2815S
For Notes to Specifications, refer to page 7
n
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating -55°C to +125°C
Storage
-65°C to +135°C
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%, C
L = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
Output voltage
V
OUT
I
OUT = 0
1
All
14.85
15.15
V
2,3
14.70
15.30
Output current
1
I
OUT
V
IN = 18, 28, and 40 V dc
1,2,3
All
2000
mA
Output ripple
voltage
2
V
RIP
V
IN = 18, 28, and 40 V dc,
B.W. = 20 Hz to 2 MHz
1,2,3
All
50
mV p-p
Line regulation
VR
LINE
V
IN = 18, 28, and 40 V dc,
Iout = 0, 1000, and 2000 mA
1
All
±35
mV
2,3
±75
Load regulation
VR
LOAD
V
IN = 18, 28, and 40 V dc,
I
OUT = 0, 1000, and 2000 mA
1,2,3
All
±150
mV
Input current
I
IN
I
OUT = 0, inhibit (pin 2)
tied to input return (pin 10)
1,2,3
All
18
mA
I
OUT = 0,
inhibit (pin 2) = open
50
Input ripple current
2
I
RIP
I
OUT = 2000mA,
B.W. = 20 Hz to 2 MHz
1,2,3
All
20
mA p-p
Efficiency
E
FF
I
OUT = 2000mA
1
All
80
%
2,3
77
Isolation
ISO
Input to output or any pin
to case (except pin 7) at
500 V dc Tc = +25°C
1
All
100
M
Ω
Capacitive load
3,4
C
L
No effect on dc performance,
Tc = +25°C
4
All
200
µF
Overload
5
1
All
6
Power dissipation
load fault
P
D
Short circuit
1,2,3
All
2
W
Switching frequency
F
S
I
OUT = 2000mA
4,5,6
01, 04
250
300
02, 05
250
270
kHz
03, 06
275
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com