Electronic Components Datasheet Search
  English  ▼

X  

AHF2805S Datasheet(PDF) 16 Page - International Rectifier

Part # AHF2805S
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805S Datasheet(HTML) 16 Page - International Rectifier

Back Button AHF2805S Datasheet HTML 9Page - International Rectifier AHF2805S Datasheet HTML 10Page - International Rectifier AHF2805S Datasheet HTML 11Page - International Rectifier AHF2805S Datasheet HTML 12Page - International Rectifier AHF2805S Datasheet HTML 13Page - International Rectifier AHF2805S Datasheet HTML 14Page - International Rectifier AHF2805S Datasheet HTML 15Page - International Rectifier AHF2805S Datasheet HTML 16Page - International Rectifier AHF2805S Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
www.irf.com
AHF28XX Series
Pin Designation
AHF28XX Case Outlines
1.450
(36.83)
0.260
(6 .600)
0.030 dia., 8 pins
(0 .760)
0.800
(20.32)
4
7
5
8
6
1
2
3
1.120
(28.45)
0.090 R Typ
(2 .290)
0.330
(8 .380)
MA X
1.105
(28.07)
0.905
(22.99)
0.705
(17.91)
0.505
(12.83)
0.205
(5 .21)
Non-Flanged
Flanged
Part Numbering
A H F 28 05 S F / CH
Mo d e l
Inpu t V o lta g e
28 = 28 V
O u tput V o lta g e
5 = ±5 , 12 = ±1 2 ,
15 = ±1 5
O u tputs
S = Sin g le
D = D u a l
S creenin g
– , E S , H B , C H
Pa ck a g e O p tion s
F = Fla n g e
O m it fo r S tand ard
AHF28XXS
AHF28XXD
Pin
No.
Designation
Pin
No.
Designation
1
Enable
1
Enable
2
N/C
2
+ Output
3
Output Return
3
Output Return
4
+ Output
4
- Output
5
N/C
5
N/C
6
Case
6
Case
7
Input Return
7
Input Return
8
+ Input
8
+ Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com