Electronic Components Datasheet Search
  English  ▼

X  

MSK1932 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK1932
Description  ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1932 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK1932 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1932 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1932 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1932 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1932 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1932 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
POWER SUPPLIES
The input stage of the MSK 1932 requires power supplies of
+15V and -10.5V for optimum operation. The negative power
supply can be increased to -12V if -10.5V is not available, but
additional power dissipation will cause the internal temperature
to rise. Both low voltage power supplies should be effectively
decoupled with tantalum capacitors (at least 4.7µF) connected
as close to the amplifier's pins as possible. The MSK 1932 has
internal 0.01µF capacitors that also improve high frequency
performance. In any case, it is also recommended to put 0.1µF
decoupling capacitors on the +15V and -10.5V supplies as
well.
The high voltage power supply (+VHV) is connected to the
amplifier's output stage and must be kept as stable as possible.
The internal or external Rp is connected to +VHV and as such,
the amplifier's DC output is directly related to the high voltage
value. The +VHV pins of the hybrid should be decoupled to
ground with as large a capacitor as possible to improve output
stability.
SUPPLY SEQUENCING
The power supply sequence is VHV, VCC, VEE followed by the
other DC control inputs. If power supply sequencing is not
possible, the time difference between each supply should be
less than five milliseconds. If the DC control signals are being
generated from a low impedance source other than the VREF
output, reverse biased diodes should be connected from each
input (VGAIN, VOFF) to the VCC pin. This will protect the inputs
until VCC is turned on.
VIDEO OUTPUT
When power is first applied and VIN=VGAIN=VOFF=0V, the
output will be practically at the +VHV rail voltage. The output
voltage is a function of the value of Rp and also the VGAIN and
VOFF DC inputs. The maximum output voltage swing for any of
the MSK 1932 variants is determined by Vpp = (250mA) x
(Rp). The bandwidth of the amplifier largely depends on both
Rp and Lp.
Hybrid pins 12 and 13 are directly connected to Rp. Addi-
tional external resistance can be added to reduce power dissi-
pation, but slower transition times will result. If an additional
resistor is used, it must be low capacitive and the layout should
minimize capacitive coupling to ground (ie: no ground plane
under Rp).
The MSK 1932 Series is conservatively specified with low
values for Lp which yield about 5% overshoot. Additional peak-
ing can be obtained by using a high self-resonant frequency
inductor in series with pins 12 & 13. Since this value of induc-
tance can be very dependent on circuit layout, it is best to
determine its value by experimentation. A good starting point
is typically 0.47µH for the MSK 1932-0 and 0.0047µH for the
remaining devices.
If external resistors or inductors are not used, be sure to
connect high frequency bypass capacitors directly from pins
12 and 13 to ground for the devices that contain an internal
Rp.
The VGAIN control (contrast) input is designed to allow the
user to vary the video gain. By simply applying a DC voltage
from 0V to VREF, the video gain can be linearly adjusted from 0
to 195V/V (MSK 1932-2). The VGAIN input should be connected
to the VREF pin through a 5KΩ pot to ground. For convenient
stable gain adjustment, a 0.1µF bypass capacitor should be con-
nected near the VGAIN input pin to prevent output instability due
to noisy sources. Digital gain control can be accomplished by
connecting a D/A converter to the VGAIN pin. However, some
temperature tracking performance may be lost when using an
external DC voltage source other than VREF for gain adjustment.
The bandwidth of the VGAIN input is approximately 1MHz.
The overall video output of the MSK 1932 can be character-
ized using the following expression:
Vpp=VHV-VOUT
VHV-VOUT=(VIN)(VGAIN)(Rp)(0.09)
(or)
Voltage Gain=VOUT/VIN=(VGAIN)(Rp)(0.09)
Here is a sample calculation for the MSK 1932-2:
Given information
VIN=0.7V
VGAIN=1VDC
Rp=400Ω (internal)
VHV=100VDC
VHV-VOUT=(0.7V)(1V)(400Ω)(0.09)
VHV-VOUT=25.2V Nominal
The expected video output would swing from approximately
+100V to +74.8V assuming that VOFF=0V. This calculation
should be used as a nominal result because the overall gain may
vary as much as ±20% due to internal high speed device varia-
tions. Changing ambient conditions can also effect the video
gain of the amplifier by as much as 150 PPM/°C. It is wise to
connect all video amplifiers to a common heat sink to maximize
thermal tracking when multiple amplifiers are used in applica-
tions such as RGB systems. Additionally, only one of the VREF
outputs should be shared by all three amplifiers. This voltage
should be buffered with a suitable low drift op-amp for best
tracking performance.
VGAIN CONTROL INPUT
OUTPUT PROTECTION
The output pin of the MSK 1932 should be protected from
transients by connecting reversed biased ultra-low capacitance
diodes from the output pin to both +VHV and ground. The
output can also be protected from arc voltages by inserting a
small value (25-50Ω) resistor in series with the amplifier. This
resistor will reduce system bandwidth along with the load ca-
pacitance, but a series inductor can reduce the problem sub-
stantially.
VIDEO INPUTS
The video input signals should be kept below ±2VMAX total,
including both common mode offset and signal levels. The
input structure of the MSK 1932 was designed for ±0.714Vpp
RS343 signals. If either input is not used it should be con-
nected directly to the analog ground or through a 25Ω resistor
to ground if input offset currents are to be minimized.
Rev. B 8/00
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com