Electronic Components Datasheet Search
  English  ▼

X  

LND150 Datasheet(PDF) 2 Page - Microchip Technology

Part # LND150
Description  N-Channel Depletion-Mode DMOS FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LND150 Datasheet(HTML) 2 Page - Microchip Technology

  LND150 Datasheet HTML 1Page - Microchip Technology LND150 Datasheet HTML 2Page - Microchip Technology LND150 Datasheet HTML 3Page - Microchip Technology LND150 Datasheet HTML 4Page - Microchip Technology LND150 Datasheet HTML 5Page - Microchip Technology LND150 Datasheet HTML 6Page - Microchip Technology LND150 Datasheet HTML 7Page - Microchip Technology LND150 Datasheet HTML 8Page - Microchip Technology LND150 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LND150/LND250
DS20005454A-page 2
 2018 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
Drain-to-Source Voltage ...................................................................................................................................... BVDSX
Drain-to-Gate Voltage .......................................................................................................................................... BVDGX
Gate-to-Source Voltage ......................................................................................................................................... ±20V
Operating Ambient Temperature, TA ...................................................................................................... –55°C to 150°C
Storage Temperature, TS ....................................................................................................................... –55°C to 150°C
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. All DC parameters are 100% tested at 25°C unless
otherwise stated. Pulse test: 300 µs pulse, 2% duty cycle
Parameter
Sym.
Min. Typ. Max.
Unit
Conditions
Drain-to-Source Breakdown Voltage
BVDSX
500
—
—
V
VGS = –10V, ID = 1 mA
Gate-to-Source Off Voltage
VGS(OFF)
–1
—
–3
V
VGS = 25V, ID = 100 nA
Change in VGS(OFF) with Temperature
∆VGS(OFF) —
—
5
mV/°C VGS = 25V, ID = 100 nA
(Note 1)
Gate Body Leakage Current
IGSS
—
—
100
nA
VGS = ±20V, VDS = 0V
Drain-to-Source Leakage Current
ID(OFF)
—
—
100
nA
VGS = –10V, VDS = 450V
—
—
100
µA
VDS = 0.8V Maximum rating,
VGS = –10V, TA= 125°C
(Note 1)
Saturated Drain-to-Source Current
IDSS
1
—
3
mA
VGS = 0V, VDS = 25V
Static Drain-to-Source On-State Resistance
RDS(ON)
—
850 1000
Ω
VGS = 0V, ID = 0.5 mA
Change in RDS(ON) with Temperature
∆RDS(ON)
—
—
1.2
%/°C
VGS = 0V, ID = 0.5 mA
(Note 1)
Note 1: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com