Electronic Components Datasheet Search
  English  ▼

X  

LND150 Datasheet(PDF) 3 Page - Microchip Technology

Part # LND150
Description  N-Channel Depletion-Mode DMOS FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LND150 Datasheet(HTML) 3 Page - Microchip Technology

  LND150 Datasheet HTML 1Page - Microchip Technology LND150 Datasheet HTML 2Page - Microchip Technology LND150 Datasheet HTML 3Page - Microchip Technology LND150 Datasheet HTML 4Page - Microchip Technology LND150 Datasheet HTML 5Page - Microchip Technology LND150 Datasheet HTML 6Page - Microchip Technology LND150 Datasheet HTML 7Page - Microchip Technology LND150 Datasheet HTML 8Page - Microchip Technology LND150 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. Specification is obtained by characterization and is
not 100% tested.
Parameter
Sym. Min. Typ. Max.
Unit
Conditions
Forward Transconductance
GFS
1
2
—
mmho VDS = 0V, ID = 1 mA
Input Capacitance
CISS
—
7.5
10
pF
VGS = –10V,
VDS = 25V,
f = 1 MHz
Common Source Output Capacitance
COSS
—
2
3.5
pF
Reverse Transfer Capacitance
CRSS
—
0.5
1
pF
Turn-On Delay Time
td(ON)
—
0.09
—
ns
VDD = 25V,
ID = 1 mA,
RGEN = 25Ω
Rise Time
tr
—
0.45
—
ns
Turn-Off Delay Time
td(OFF) —
0.1
—
ns
Fall Time
tf
—
1.3
—
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
0.9
V
VGS = –10V, ISD = 1 mA (Note 1)
Reverse Recovery Time
trr
—
200
—
ns
VGS = –10V, ISD = 1 mA
Note 1: Unless otherwise stated, all DC parameters are 100% tested at +25°C. Pulse test: 300 µs pulse, 2% duty
cycle.
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ. Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–55
—
+150
°C
Storage Temperature
TS
–55
—
+150
°C
PACKAGE THERMAL RESISTANCE
3-lead TO-92
JA
—
132
—
°C/W
3-lead SOT-23
JA
—
203
—
°C/W
3-lead SOT-89
JA
—
133
—
°C/W
THERMAL CHARACTERISTICS
Package
ID (Note 1)
(Continuous)
(mA)
ID
(Pulsed)
(A)
Power Dissipation
at TA = 25°C
(W)
IDR
(mA)
IDRM
(Note 1)
(A)
3-lead TO-92
30
30
0.74
30
30
3-lead SOT-23
13
30
0.36
13
30
3-lead SOT-89
30
30
1.6 (Note 2)
30
30
Note 1: ID (continuous) is limited by maximum rated TJ.
2: TA = 25°C. Mounted on an FR4 Board, 25 mm x 25 mm x 1.57 mm.
 2018 Microchip Technology Inc.
DS20005454A-page 3
LND150/LND250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com