Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DF/CH Datasheet(PDF) 4 Page - International Rectifier

Part # AHF2805DF/CH
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805DF/CH Datasheet(HTML) 4 Page - International Rectifier

  AHF2805DF/CH Datasheet HTML 1Page - International Rectifier AHF2805DF/CH Datasheet HTML 2Page - International Rectifier AHF2805DF/CH Datasheet HTML 3Page - International Rectifier AHF2805DF/CH Datasheet HTML 4Page - International Rectifier AHF2805DF/CH Datasheet HTML 5Page - International Rectifier AHF2805DF/CH Datasheet HTML 6Page - International Rectifier AHF2805DF/CH Datasheet HTML 7Page - International Rectifier AHF2805DF/CH Datasheet HTML 8Page - International Rectifier AHF2805DF/CH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.irf.com
AHF28XX Series
Specifications
AHF2812S
Table II. Electrical Performance Characteristics
For Notes to Specifications, refer to page 5
n
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating -55°C to +125°C
Storage
-65°C to +135°C
Limits
Test
Symbol
Conditions
-55°C
≤Tc ≤ +125°C
Vin = 28 Vdc ±5%, C
L = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
Output voltage
V
OUT
I
OUT = 0
1
01
11.88
12.12
V
2,3
11.76
12.24
Output current
1
I
OUT
V
IN = 16, 28, and 40 V dc
1,2,3
01
1000
mA
Output ripple
voltage
2
V
RIP
V
IN = 16, 28, and 40 V dc,
B.W. = 20 Hz to 2MHz
1,2,3
01
60
mV p-p
Line regulation
VR
LINE
V
IN = 16, 28, and 40 V dc,
Iout = 0, 500, and 1000 mA
1,2,3
01
50
mV
Load regulation
VR
LOAD
V
IN = 16, 28, and 40 V dc,
I
OUT = 0, 500, and 1000 mA
1,2,3
01
50
mV
Input current
I
IN
I
OUT = 0, inhibit (pin 1)
tied to input return (pin 7)
1,2,3
01
12
mA
I
OUT = 0,
inhibit (pin 1) = open
50
Input ripple current
2
I
RIP
I
OUT = 1000mA
B.W. = 20 Hz to 2MHz
1,2,3
01
50
mA p-p
1
78
Efficiency
E
FF
I
OUT = 1000mA
2,3
01
75
%
Isolation
ISO
Input to output or any pin
to case (except pin 6) at
500V dc Tc = +25°C
1
01
100
M
Ω
Capacitive load
3,4
C
L
No effect on dc
performance, Tc = +25°C
4
01
500
µF
Overload
5
1
01
6
Power dissipation
load fault
P
D
Short circuit
1,2,3
01
2
W
Switching
frequency
F
S
I
OUT = 1000mA
4,5,6
01
500
600
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com