Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DF/CH Datasheet(PDF) 7 Page - International Rectifier

Part # AHF2805DF/CH
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805DF/CH Datasheet(HTML) 7 Page - International Rectifier

Back Button AHF2805DF/CH Datasheet HTML 3Page - International Rectifier AHF2805DF/CH Datasheet HTML 4Page - International Rectifier AHF2805DF/CH Datasheet HTML 5Page - International Rectifier AHF2805DF/CH Datasheet HTML 6Page - International Rectifier AHF2805DF/CH Datasheet HTML 7Page - International Rectifier AHF2805DF/CH Datasheet HTML 8Page - International Rectifier AHF2805DF/CH Datasheet HTML 9Page - International Rectifier AHF2805DF/CH Datasheet HTML 10Page - International Rectifier AHF2805DF/CH Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.irf.com
7
AHF28XX Series
Table III. Electrical Performance Characteristics - continued
AHF2815S
Notes to Specifications
1. Parameter guaranteed by line and load regulation tests.
2. Bandwidth guaranteed by design. Tested for 20 kHz to 2 MHz.
3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
4. Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table III.
5. An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
6. Load step transition time between 2 and 10 microseconds.
7. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1
percent of V
OUT at 50 percent load.
8. Input step transition time between 2 and 10 microseconds.
9. Turn-on delay time measurement is for either a step application of power at the input or the removal of
a ground signal from the inhibit pin (pin 2) while power is applied to the input is unlimited.
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%, C
L = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
1000 mA to/from 2000mA
4,5,6
-800
+800
Output response to
step transient load
Changes
6
VO
TLOAD
0 mA to/from 1000mA
4,5,6
All
-1000
+750
mV pk
4
100
1000 mA to/from 2000mA
5,6
All
200
µs
4
5
Recovery time step
transient load
Changes
6,7
TT
LOAD
0 mA to/from 1000 mA
5,6
All
10
ms
04
05
Output response to
transient step line
changes
VO
TLINE
Input step 18 V to/from
40 V dc, I
OUT = 2000mA
4, 8
4,5,6
06
-1000
+1000
mV pk
04
05
Recovery time
transient step line
changes
TT
LINE
Input step 18 V to/from 40Vdc
I
OUT = 2000mA
4, 7, 8
4,5,6
06
500
µs
Turn on overshoot
VTon
OS
I
OUT = 0 and 2000mA
4,5,6
All
750
mV pk
Turn on delay
Ton
D
I
OUT = 0 and 2000mA
9
4,5,6
All
12
ms
Load fault
recovery
4,9
Tr
LF
4,5,6
All
12
ms
Weight
38
grams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com