Electronic Components Datasheet Search
  English  ▼

X  

1762822 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1762822
Description  PCV 35 HC/ 5-GF-15,00
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1762822 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1762822 Datasheet HTML 1Page - PHOENIX CONTACT 1762822 Datasheet HTML 2Page - PHOENIX CONTACT 1762822 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Apr 13, 2010
Extract from the online
catalog
 
PCV 35 HC/ 5-GF-15,00
Order No.: 1762822
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762822
 
 
Header, Nominal current: 125 A, Nom. voltage: 1000 V, Pitch: 15 mm,
Number of positions: 5, Color: green, Assembly: Soldering
 
Commercial data
EAN
4046356444088
Pack
25 pcs.
Customs tariff
85366990
Weight/Piece
0.1142 KG
Catalog page information
Page 443 (CC-2009)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
15 mm
Dimension a
60 mm
Number of positions
5
Pin spacing
15 mm
Technical data
Insulating material group
IIIa
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV
Rated surge voltage (II/2)
8 kV


Similar Part No. - 1762822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762826 PHOENIX-1762826 Datasheet
150Kb / 6P
MVSTBW 2,5/15-ST
1762826 PHOENIX-1762826 Datasheet
149Kb / 6P
FRONT-MSTB 2,5/15-ST
1762826 PHOENIX-1762826 Datasheet
122Kb / 5P
SMSTB 2,5/15-ST
More results

Similar Description - 1762822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762741 PHOENIX-1762741 Datasheet
120Kb / 3P
PC 35 HC/ 2-GF-15,00
1762754 PHOENIX-1762754 Datasheet
111Kb / 3P
PC 35 HC/ 3-GF-15,00
1762767 PHOENIX-1762767 Datasheet
111Kb / 3P
PC 35 HC/ 4-GF-15,00
1762770 PHOENIX-1762770 Datasheet
111Kb / 3P
PC 35 HC/ 5-GF-15,00
1762783 PHOENIX-1762783 Datasheet
111Kb / 3P
PC 35 HC/ 6-GF-15,00
1762796 PHOENIX-1762796 Datasheet
96Kb / 3P
PCV 35 HC/ 2-GF-15,00
1762806 PHOENIX-1762806 Datasheet
96Kb / 3P
PCV 35 HC/ 3-GF-15,00
1762819 PHOENIX-1762819 Datasheet
100Kb / 3P
PCV 35 HC/ 4-GF-15,00
1762835 PHOENIX-1762835 Datasheet
96Kb / 3P
PCV 35 HC/ 6-GF-15,00
1784949 PHOENIX-1784949 Datasheet
75Kb / 4P
Printed-circuit board connector - IPC 35 HC/ 5-GF-15,00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com